Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105VC Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F105VC
Description  Connectivity line, ARM®-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105VC Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F105VC Datasheet HTML 97Page - STMicroelectronics STM32F105VC Datasheet HTML 98Page - STMicroelectronics STM32F105VC Datasheet HTML 99Page - STMicroelectronics STM32F105VC Datasheet HTML 100Page - STMicroelectronics STM32F105VC Datasheet HTML 101Page - STMicroelectronics STM32F105VC Datasheet HTML 102Page - STMicroelectronics STM32F105VC Datasheet HTML 103Page - STMicroelectronics STM32F105VC Datasheet HTML 104Page - STMicroelectronics STM32F105VC Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 108 page
background image
DocID15274 Rev 10
101/108
STM32F105xx, STM32F107xx
Application block diagrams
107
Table 64 give the IDD run mode values that correspond to the conditions specified in
Table 63.
Table 63. PLL configurations
Application
Crystal
value in
MHz
(XT1)
PREDIV2 PLL2MUL PLLSRC PREDIV1 PLLMUL
USB
prescaler
(PLLVCO
output)
PLL3MUL
I2Sn
clock
input
MCO (main
clock
output)
Ethernet only
25
/5
PLL2ON
x8
PLL2
/5
PLLON x9
NA
PLL3ON
x10
NA
XT1 (MII)
PLL3 (RMII)
Ethernet + OTG
25
/5
PLL2ON
x8
PLL2
/5
PLLON x9
/3
PLL3ON
x10
NA
XT1 (MII)
PLL3 (RMII)
Ethernet + OTG
+ basic audio
25
/5
PLL2ON
x8
PLL2
/5
PLLON x9
/3
PLL3ON
x10
PLL
XT1 (MII)
PLL3 (RMII)
Ethernet + OTG
+ Audio class
I2S(1)
14.7456
/4
PLL2ON
x12
PLL2
/4
PLLON
x6.5
/3
PLL3ON
x20
PLL3
VCO
Out
NA
ETH PHY
must use its
own crystal
OTG only
8
NA
PLL2OFF
XT1
/1
PLLON x9
/3
PLL3OFF
NA
NA
OTG + basic
audio
8
NA
PLL2OFF
XT1
/1
PLLON x9
/3
PLL3OFF
PLL
NA
OTG + Audio
class I2S(1)
14.7456
/4
PLL2ON
x12
PLL2
/4
PLLON
x6.5
/3
PLL3ON
x20
PLL3
VCO
Out
NA
Audio class I2S
only(1)
14.7456
/4
PLL2ON
x12
PLL2
/4
PLLON
x6.5
NA
PLL3ON
x20
PLL3
VCO
out
NA
1. SYSCLK is set to be at 72 MHz except in this case where SYSCLK is at 71.88 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com