Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F302X6 Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM32F302X6
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, USB, CAN, COMP, Op-Amp, 2.0 - 3.6 V
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302X6 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32F302X6 Datasheet HTML 131Page - STMicroelectronics STM32F302X6 Datasheet HTML 132Page - STMicroelectronics STM32F302X6 Datasheet HTML 133Page - STMicroelectronics STM32F302X6 Datasheet HTML 134Page - STMicroelectronics STM32F302X6 Datasheet HTML 135Page - STMicroelectronics STM32F302X6 Datasheet HTML 136Page - STMicroelectronics STM32F302X6 Datasheet HTML 137Page - STMicroelectronics STM32F302X6 Datasheet HTML 138Page - STMicroelectronics STM32F302X6 Datasheet HTML 139Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 136 / 139 page
background image
Revision history
STM32F302x6 STM32F302x8
136/139
DS9896 Rev 8
9
Revision history
Table 84. Document revision history
Date
Revision
Changes
10-Apr-2014
1
Initial release.
13-May-2014
2
Updated Table 13: STM32F302x6/8 pin definitions.
Added the input voltage on Boot0 pin in Table 20: Voltage
characteristics.
02-Dec-2014
3
Applied the following updates:
– added “Interconnect matrix” to Features,
– updated the timers-related information in Table 2: STM32F302x6/8
device features and peripheral counts,
– updated Figure 1: DS9896 block diagram,
– updated Section 3.5.1: Power supply schemes and added Table 3:
External analog supply values for analog peripherals,
– added a table footnote about touch sensing sensitivity for pins PA4
and PA6 in Table 13: STM32F302x6/8 pin definitions,
– renamed USARTx_RTS as USARTx_RTS_DE where x=1, 2 or 3,
– updated IDD values at 48 MHz (Supply current in Run mode,
executing from RAM/External clock (HSE bypass)) in Table 29:
Typical and maximum current consumption from VDD supply at VDD
= 3.6V,
– added IDDA parameter in Table 66: ADC characteristics and added
Figure 31: ADC typical current consumption in single-ended and
differential modes,
– updated Figure 18: HSI oscillator accuracy characterization results for
soldered parts and Table 43: HSI oscillator characteristics,
– updated tWUSTOP maximum values in Table 38: Low-power mode
wakeup timings,
– updated the Supply current in Stop mode values for TA=25 deg.
Celsius in Table 31: Typical and maximum VDD consumption in Stop
and Standby modes,
– replaced all occurrences of VDDA monitoring with VDDA supervisor in
Section 6: Electrical characteristics,
– added footnotes to Figure : Device marking for UFQFPN32,
– updated the marking information (Figure 39: WLCSP49 marking
example (package top view), Figure 45: LQFP48 marking example
(package top view), Figure 48: UFQFPN32 marking example
(package top view)).
10-Feb-2015
4
Updated:
– the values for External clock (HSE bypass) at 48 MHz in Table 29:
Typical and maximum current consumption from VDD supply at VDD
= 3.6V.
– Table 41: HSE oscillator characteristics.
– Table 46: Flash memory characteristics.
– Table 72: Comparator characteristics.
Added:
– Figure 35: Maximum VREFINT scaler startup time from power down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com