Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX20430ATIA/VY+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX20430ATIA/VY+
Description  Four-Output Mini PMIC For Safety Applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20430ATIA/VY+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX20430ATIA/VY+ Datasheet HTML 4Page - Maxim Integrated Products MAX20430ATIA/VY+ Datasheet HTML 5Page - Maxim Integrated Products MAX20430ATIA/VY+ Datasheet HTML 6Page - Maxim Integrated Products MAX20430ATIA/VY+ Datasheet HTML 7Page - Maxim Integrated Products MAX20430ATIA/VY+ Datasheet HTML 8Page - Maxim Integrated Products MAX20430ATIA/VY+ Datasheet HTML 9Page - Maxim Integrated Products MAX20430ATIA/VY+ Datasheet HTML 10Page - Maxim Integrated Products MAX20430ATIA/VY+ Datasheet HTML 11Page - Maxim Integrated Products MAX20430ATIA/VY+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Electrical Characteristics (continued)
(VSUP = VEN = 13.5V, VOUT1 = VPV2 = VPV4 = 3.3V, VBIAS = 5.0V, TA = TJ = -40°C to +125°C unless otherwise noted, typical values
are at TA = 25°C under normal conditions unless otherwise noted (Note 2).)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUT1 (HV BUCK)
Voltage Accuracy
-1.5
1.5
%
Line Regulation
VSUP = 6V to 36V
0.02
%/V
DMOS High-Side On-
Resistance
VBIAS = 5V, ILX1 = 0.1A
52
130
DMOS Low-Side On-
Resistance
VBIAS = 5V, ILX1 = 0.1A
47
110
High-Side Current-Limit
Threshold
3.5
4
4.5
A
Negative Current-Limit
Threshold
-1.6
A
Minimum On-Time
65
80
ns
Max Duty Cycle
98
99
%
Switching Phase
0
deg
Soft-Start Time
0.9
ms
OUT2/OUT4 (LV BUCK)
Supply Voltage Range
VPV2,VPV4
3
5.5
V
Voltage Accuracy
VOUT2,VOUT4 ILOAD_ = 0A to IMAX, 3.0V ≤ VPV_ ≤ 5.5V
-1.5
1.5
%
HS pMOS On-
Resistance
ILX_ = 0.2A
82
150
LS nMOS On-
Resistance
ILX_ = 0.2A
50
115
HS Current-Limit
Threshold
Option 1 (1A)
1.4
1.8
2.6
A
Option 2 (2A)
2.8
3.5
4.9
Option 3 (3A)
4.2
5.8
7.4
LX2, LX4 Leakage
Current
VPV_ = 5.5V, LX_ = PGND or PV, TA =
25°C
1
μA
Negative Current-Limit
Threshold
-1
A
Minimum On Time
48
76
ns
Maximum Duty Cycle
100
%
LX2, LX4 Discharge
Resistance
Output disabled
47
100
Ω
Switching Phase
180
deg
Soft-Start Time
0.9
ms
OUT3 (BOOST)
Voltage Accuracy
VOUT3
ILOAD = 0A to IMAX
4.925
5
5.075
V
PMOS On-Resistance
ILX3 = 0.19A
125
250
NMOS On-Resistance
ILX3 = 0.19A
65
130
MAX20430
Four-Output Mini PMIC For Safety Applications
www.maximintegrated.com
Maxim Integrated | 8


Similar Part No. - MAX20430ATIA/VY+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20430 MAXIM-MAX20430 Datasheet
902Kb / 7P
   Challenge/Response or Simple Windowed Watchdog
Rev 0; 3/20
MAX20430EVKIT MAXIM-MAX20430EVKIT Datasheet
902Kb / 7P
   Challenge/Response or Simple Windowed Watchdog
Rev 0; 3/20
MAX20430EVKIT# MAXIM-MAX20430EVKIT# Datasheet
902Kb / 7P
   Challenge/Response or Simple Windowed Watchdog
Rev 0; 3/20
MAX20430EVKITSYS# MAXIM-MAX20430EVKITSYS# Datasheet
902Kb / 7P
   Challenge/Response or Simple Windowed Watchdog
Rev 0; 3/20
More results

Similar Description - MAX20430ATIA/VY+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25250 MAXIM-MAX25250 Datasheet
968Kb / 19P
   Four Output Mini PMIC for Camera Applications
Rev 0; 4/21
logo
ON Semiconductor
NCV97400 ONSEMI-NCV97400 Datasheet
791Kb / 28P
   Automotive Multi-Output Power Management IC (PMIC) for Safety Applications
March, 2019 ??Rev. 0
logo
Infineon Technologies A...
TLF35584QVHSX INFINEON-TLF35584QVHSX Datasheet
2Mb / 6P
   OPTIREG??PMIC TLF35584QVHSx Functional Safety PMIC
Rev 1.0 2021-05-28
TLF35585QVS01 INFINEON-TLF35585QVS01 Datasheet
553Kb / 10P
   Functional safety PMIC
Rev. 1.0 2023-02-03
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
   System PMIC for Mobile and Automotive Applications
logo
Will Semiconductor Ltd.
WL2864C WILLSEMI-WL2864C Datasheet
1Mb / 30P
   7-Channel LDO PMIC for Camera Applications
logo
Renesas Technology Corp
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
DA9061 RENESAS-DA9061 Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com