Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-LB-1.A.13 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # P-LB-1.A.13
Description  Surge Protection Barrier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

P-LB-1.A.13 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  P-LB-1.A.13 Datasheet HTML 1Page - Pepperl+Fuchs Inc. P-LB-1.A.13 Datasheet HTML 2Page - Pepperl+Fuchs Inc. P-LB-1.A.13 Datasheet HTML 3Page - Pepperl+Fuchs Inc. P-LB-1.A.13 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P-LB-1.A.13
4
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Surge Protection Barrier
1 Connection terminal
ZH-Z.AK16
2 Mounting block
ZH-Z.AB/SS
3 Spacing roller
when mounting on 35 mm DIN EN 60715 mounting rail:
– installation height 15 mm: spacing roller ZH-Z.AR.85
– installation height 7.5 mm: no spacing roller necessary
4 Grounding rail
ZH-Z.NLS-Cu3/10
Keep the drilling distance of 116 mm between center mounting rail and center grounding bar.
Installation
116
mm
(4.57''
)
1
2
3
4


Similar Part No. - P-LB-1.A.13

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
P-LB-1.B.12 PF-P-LB-1.B.12 Datasheet
803Kb / 4P
   Surge Protection Barrier
P-LB-1.C.123 PF-P-LB-1.C.123 Datasheet
812Kb / 4P
   Surge Protection Barrier
P-LB-1.D.1234 PF-P-LB-1.D.1234 Datasheet
816Kb / 4P
   Surge Protection Barrier
P-LB-1.E.23 PF-P-LB-1.E.23 Datasheet
802Kb / 4P
   Surge Protection Barrier
P-LB-1.F.1236 PF-P-LB-1.F.1236 Datasheet
814Kb / 4P
   Surge Protection Barrier
More results

Similar Description - P-LB-1.A.13

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
K-LB-1.30G PF-K-LB-1.30G Datasheet
667Kb / 4P
   Surge Protection Barrier
2022-01-12
M-LB-2142.SP PF-M-LB-2142.SP Datasheet
1Mb / 4P
   Surge Protection Barrier
FP-LB-I PF-FP-LB-I Datasheet
641Kb / 4P
   Surge Protection Barrier
P-LB-2.B.1245 PF-P-LB-2.B.1245 Datasheet
823Kb / 4P
   Surge Protection Barrier
K-LB-1.6 PF-K-LB-1.6 Datasheet
666Kb / 4P
   Surge Protection Barrier
2022-01-12
M-LB-1.150.D PF-M-LB-1.150.D Datasheet
496Kb / 3P
   Surge Protection Barrier
2022-01-13
M-LB-4.275TNS.D PF-M-LB-4.275TNS.D Datasheet
799Kb / 3P
   Surge Protection Barrier
2022-01-13
FS-LB-I PF-FS-LB-I Datasheet
642Kb / 4P
   Surge Protection Barrier
K-LB-1.30 PF-K-LB-1.30 Datasheet
666Kb / 4P
   Surge Protection Barrier
2022-01-12
K-LB-2.6 PF-K-LB-2.6 Datasheet
669Kb / 4P
   Surge Protection Barrier
2022-01-12
M-LB-1.275.D PF-M-LB-1.275.D Datasheet
384Kb / 3P
   Surge Protection Barrier
2022-01-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com