Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-LB-1.A.13 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # P-LB-1.A.13
Description  Surge Protection Barrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

P-LB-1.A.13 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  P-LB-1.A.13 Datasheet HTML 1Page - Pepperl+Fuchs Inc. P-LB-1.A.13 Datasheet HTML 2Page - Pepperl+Fuchs Inc. P-LB-1.A.13 Datasheet HTML 3Page - Pepperl+Fuchs Inc. P-LB-1.A.13 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Leakage current
max. 5 µA
On-state voltage
max. 45 V
Ground insulation
max. 500 V breakdown voltage
Indicators/settings
Labeling
space for labeling at the front
Conformity
Degree of protection
IEC 60529:2001
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Mechanical specifications
Degree of protection
IP20
Mass
approx. 70 g
Dimensions
20 x 104 x 127 mm (0.8 x 4.1 x 5 inch) (W x H x D)
Mounting
on the KF module
Data for application in connection with hazardous areas
EU-type examination certificate
PTB 02 ATEX 2044
Marking
1
II (1)G [Ex ia Ga] IIC
Voltage
Ui
30 V
Current
Ii
250 mA
Internal capacitance
Ci
negligible
Internal inductance
Li
200 µH
Maximum leakage current
10 kA (8/20 µs) per conductor
Nominal response time
Symmetrical
1 ns
Asymmetric
100 ns
Series resistor
≤ 0.5 Ω per wire
Bandwidth
≥ 40 kHz
Certificate
PF 16 CERT 3908 X
Marking
1
II 3G Ex nA IIC T4 Gc
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013 , EN 60079-11:2012 , EN 60079-15:2010
International approvals
IECEx approval
IECEx certificate
IECEx BAS 12.0123
IECEx marking
[Ex ia Ga] IIC, [Ex ia Da] IIIC, [Ex ia Ma] I
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Surge Protection Barrier
P-LB-1.A.13
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - P-LB-1.A.13

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
P-LB-1.B.12 PF-P-LB-1.B.12 Datasheet
803Kb / 4P
Surge Protection Barrier
P-LB-1.C.123 PF-P-LB-1.C.123 Datasheet
812Kb / 4P
Surge Protection Barrier
P-LB-1.D.1234 PF-P-LB-1.D.1234 Datasheet
816Kb / 4P
Surge Protection Barrier
P-LB-1.E.23 PF-P-LB-1.E.23 Datasheet
802Kb / 4P
Surge Protection Barrier
P-LB-1.F.1236 PF-P-LB-1.F.1236 Datasheet
814Kb / 4P
Surge Protection Barrier
More results

Similar Description - P-LB-1.A.13

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FP-LB-I PF-FP-LB-I Datasheet
641Kb / 4P
Surge Protection Barrier
FS-LB-I PF-FS-LB-I Datasheet
642Kb / 4P
Surge Protection Barrier
M-LB-2142.SP PF-M-LB-2142.SP Datasheet
1Mb / 4P
Surge Protection Barrier
P-LB-2.B.1245 PF-P-LB-2.B.1245 Datasheet
823Kb / 4P
Surge Protection Barrier
K-LB-1.30 PF-K-LB-1.30 Datasheet
666Kb / 4P
Surge Protection Barrier
2022-01-12
K-LB-1.30G PF-K-LB-1.30G Datasheet
667Kb / 4P
Surge Protection Barrier
2022-01-12
K-LB-1.6 PF-K-LB-1.6 Datasheet
666Kb / 4P
Surge Protection Barrier
2022-01-12
K-LB-2.6 PF-K-LB-2.6 Datasheet
669Kb / 4P
Surge Protection Barrier
2022-01-12
M-LB-1.150.D PF-M-LB-1.150.D Datasheet
496Kb / 3P
Surge Protection Barrier
2022-01-13
M-LB-1.275.D PF-M-LB-1.275.D Datasheet
384Kb / 3P
Surge Protection Barrier
2022-01-13
M-LB-4.275TNS.D PF-M-LB-4.275TNS.D Datasheet
799Kb / 3P
Surge Protection Barrier
2022-01-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com