Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS87C Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS87C
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS87C Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS87C Datasheet HTML 1Page - Vectron International, Inc TFS87C Datasheet HTML 2Page - Vectron International, Inc TFS87C Datasheet HTML 3Page - Vectron International, Inc TFS87C Datasheet HTML 4Page - Vectron International, Inc TFS87C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TFS 87c.doc
Version 1.1
03.01.2003
VI TELEFILTER
Filter Specification
TFS 87C
3/5
VI TELEFILTER
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Stability Characteristics
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 18 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Change of
temperature:
-55 °C to 125°C / 30 min. each / 10 cycles
DIN IEC 68 part 2 – 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: twice max.;
for temperature conditions, please refer to the attached "Air reflow temperature conditions" on page 4;
Packing
Tape & Reel:
DIN IEC 286 – 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
2000
reel of empty components at start:
min 300 mm
reel of empty components at start including leader:
min 500 mm
trailer
min 300 mm
T a p e (a ll d im e n s ion s in mm)
W
:
32
± 0 ,3
Po
:
4
± 0 ,1
Do
:
1 , 5
+ 0 ,5
E
:
1 ,75 ± 0 ,1
S 0
:
2 8 , 4 ± 0 ,1
P2
:
2
± 0 ,1
P1
:
12
± 0 ,1
D 1 (m in ) :
1 ,5
Ao
:
7 ,1
± 0 ,1
Bo
:
1 9 .6
± 0 ,1
Ko
:
2 ,0
± 0 ,1
t
:
0 ,35
± 0 ,05
Ct
:
2 5 ,5
± 0 ,1
P1
Do
Po
P2
Ao
D1
SPEC-Gurt 0061/ 19X6,5
Q09016:02.001
Jul.10,01
pull off direction
view direction
X
X
t
Ko
X-X
Reel (all dimensions in mm):
A
:
330
W1
:
32,4 +2
W2 (max) :
38,4
N (min)
:
100
C
:
13 +0,5/-0,2
A
C
N
W 1
W 2
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape.
The marking of the filters is able to read if the view is directed on the upper side of the carrier tape in the above shown direction.
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed
as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS87C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS87 VECTRON-TFS87 Datasheet
35Kb / 3P
   Filter specification
TFS87 VECTRON-TFS87 Datasheet
180Kb / 5P
   Filter specification
TFS872 VECTRON-TFS872 Datasheet
87Kb / 5P
   VI TELEFILTER Filter specification
TFS873A VECTRON-TFS873A Datasheet
171Kb / 5P
   VI TELEFILTER Filter specification
TFS874 VECTRON-TFS874 Datasheet
230Kb / 5P
   Filter specification
More results

Similar Description - TFS87C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com