Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ402EP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQJ402EP
Description  Automotive N-Channel 100 V (D-S) 175 째C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ402EP Datasheet(HTML) 1 Page - Vishay Siliconix

  SQJ402EP_V01 Datasheet HTML 1Page - Vishay Siliconix SQJ402EP_V01 Datasheet HTML 2Page - Vishay Siliconix SQJ402EP_V01 Datasheet HTML 3Page - Vishay Siliconix SQJ402EP_V01 Datasheet HTML 4Page - Vishay Siliconix SQJ402EP_V01 Datasheet HTML 5Page - Vishay Siliconix SQJ402EP_V01 Datasheet HTML 6Page - Vishay Siliconix SQJ402EP_V01 Datasheet HTML 7Page - Vishay Siliconix SQJ402EP_V01 Datasheet HTML 8Page - Vishay Siliconix SQJ402EP_V01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SQJ402EP
www.vishay.com
Vishay Siliconix
S13-1414-Rev. B, 24-Jun-13
1
Document Number: 67997
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
FEATURES
•TrenchFET® Power MOSFET
• AEC-Q101 Qualifiedd
•100 % Rg and UIS Tested
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR-4 material).
d. Parametric verification ongoing.
e. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8L is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
f. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
100
RDS(on) () at VGS = 10 V
0.0110
RDS(on) () at VGS = 4.5 V
0.0140
ID (A)
32
Configuration
Single
D
G
S
N-Channel MOSFET
4
6.15
mm
PowerPAK® SO-8L Single
5.13
mm
3
2
1
G
S
S
S
D
ORDERING INFORMATION
Package
PowerPAK SO-8L
Lead (Pb)-free and Halogen-free
SQJ402EP-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currenta
TC = 25 °C
ID
32
A
TC = 125 °C
32
Continuous Source Current (Diode Conduction)a
IS
32
Pulsed Drain Currentb
IDM
75
Single Pulse Avalanche Current
L = 0.1 mH
IAS
31
Single Pulse Avalanche Energy
EAS
48
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
83
W
TC = 125 °C
27
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)e, f
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
65
°C/W
Junction-to-Case (Drain)
RthJC
1.8


Similar Part No. - SQJ402EP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ402EP VISHAY-SQJ402EP_V02 Datasheet
239Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQJ402EP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJQ112ER VISHAY-SQJQ112ER Datasheet
169Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Feb-2021
SQJ110EP VISHAY-SQJ110EP Datasheet
185Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V01 Datasheet
166Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQR40N10-25 VISHAY-SQR40N10-25_V01 Datasheet
209Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQR70090ELR VISHAY-SQR70090ELR_V01 Datasheet
260Kb / 8P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ488EP VISHAY-SQJ488EP_V01 Datasheet
242Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQSA12CENW VISHAY-SQSA12CENW Datasheet
268Kb / 8P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 19-Oct-2020
SQP120N10-3M8 VISHAY-SQP120N10-3M8 Datasheet
140Kb / 8P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 01-Jul-13
SQJ456EP-T1-GE3 VISHAY-SQJ456EP-T1-GE3 Datasheet
122Kb / 7P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
Rev. F, 28-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com