Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ403EP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQJ403EP
Description  Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ403EP Datasheet(HTML) 5 Page - Vishay Siliconix

  SQJ403EP Datasheet HTML 1Page - Vishay Siliconix SQJ403EP Datasheet HTML 2Page - Vishay Siliconix SQJ403EP Datasheet HTML 3Page - Vishay Siliconix SQJ403EP Datasheet HTML 4Page - Vishay Siliconix SQJ403EP Datasheet HTML 5Page - Vishay Siliconix SQJ403EP Datasheet HTML 6Page - Vishay Siliconix SQJ403EP Datasheet HTML 7Page - Vishay Siliconix SQJ403EP Datasheet HTML 8Page - Vishay Siliconix SQJ403EP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SQJ403EP
www.vishay.com
Vishay Siliconix
S15-2089-Rev. A, 31-Aug-15
5
Document Number: 67109
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
V
DS -Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
10 ms
Limited by R
DS(on)*
100 μs
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
1 ms
100 ms, 1 s, 10 s, DC
I
D Limited
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 68 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SQJ403EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ403EP VISHAY-SQJ403EP Datasheet
377Kb / 13P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Rev. A, 19-Oct-15
SQJ403EP VISHAY-SQJ403EP Datasheet
215Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ403EP VISHAY-SQJ403EP_15 Datasheet
212Kb / 11P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 31-Aug-15
SQJ403EP VISHAY-SQJ403EP_V02 Datasheet
215Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQJ403EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ403EEP VISHAY-SQJ403EEP Datasheet
183Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ4425EY VISHAY-SQ4425EY Datasheet
258Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ2303ES VISHAY-SQ2303ES_15 Datasheet
222Kb / 11P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ4431EY VISHAY-SQ4431EY_15 Datasheet
258Kb / 11P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ4435EY VISHAY-SQ4435EY_15 Datasheet
253Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ4483EY VISHAY-SQ4483EY_15 Datasheet
302Kb / 11P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 10-Aug-15
SQD50P03-07 VISHAY-SQD50P03-07_15 Datasheet
163Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQS423ENW VISHAY-SQS423ENW_V02 Datasheet
224Kb / 9P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA37EP VISHAY-SQJA37EP_V02 Datasheet
241Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA403EJ VISHAY-SQA403EJ_V02 Datasheet
273Kb / 8P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com