Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ403EP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQJ403EP
Description  Automotive P-Channel 30 V (D-S) 175 째C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ403EP Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SQJ403EP Datasheet HTML 2Page - Vishay Siliconix SQJ403EP Datasheet HTML 3Page - Vishay Siliconix SQJ403EP Datasheet HTML 4Page - Vishay Siliconix SQJ403EP Datasheet HTML 5Page - Vishay Siliconix SQJ403EP Datasheet HTML 6Page - Vishay Siliconix SQJ403EP Datasheet HTML 7Page - Vishay Siliconix SQJ403EP Datasheet HTML 8Page - Vishay Siliconix SQJ403EP Datasheet HTML 9Page - Vishay Siliconix SQJ403EP Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SQJ403EP
www.vishay.com
Vishay Siliconix
S15-2089-Rev. A, 31-Aug-15
6
Document Number: 67109
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Case
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?67109.
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


Similar Part No. - SQJ403EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ403EP VISHAY-SQJ403EP Datasheet
377Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Rev. A, 19-Oct-15
SQJ403EP VISHAY-SQJ403EP Datasheet
215Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ403EP VISHAY-SQJ403EP_15 Datasheet
212Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 31-Aug-15
SQJ403EP VISHAY-SQJ403EP_V02 Datasheet
215Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQJ403EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3457EV VISHAY-SQ3457EV_15 Datasheet
209Kb / 12P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
Rev. B, 07-Nov-11
SQ1431EH VISHAY-SQ1431EH_V01 Datasheet
225Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ2303ES VISHAY-SQ2303ES_V01 Datasheet
208Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4435EY VISHAY-SQ4435EY_V01 Datasheet
215Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4483BEEY VISHAY-SQ4483BEEY Datasheet
173Kb / 7P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ407EP VISHAY-SQJ407EP_V01 Datasheet
240Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ407EP VISHAY-SQJ407EP Datasheet
239Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 02-Jan-17
SQ3495EV VISHAY-SQ3495EV Datasheet
265Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 30-Dec-2019
SQJ433EP VISHAY-SQJ433EP_V01 Datasheet
221Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQA403EJ VISHAY-SQA403EJ Datasheet
274Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 17-Jun-2019
SQD40031EL VISHAY-SQD40031EL Datasheet
223Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 05-Mar-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com