Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQR40N10-25 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQR40N10-25
Description  Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQR40N10-25 Datasheet(HTML) 4 Page - Vishay Siliconix

  SQR40N10-25_V01 Datasheet HTML 1Page - Vishay Siliconix SQR40N10-25_V01 Datasheet HTML 2Page - Vishay Siliconix SQR40N10-25_V01 Datasheet HTML 3Page - Vishay Siliconix SQR40N10-25_V01 Datasheet HTML 4Page - Vishay Siliconix SQR40N10-25_V01 Datasheet HTML 5Page - Vishay Siliconix SQR40N10-25_V01 Datasheet HTML 6Page - Vishay Siliconix SQR40N10-25_V01 Datasheet HTML 7Page - Vishay Siliconix SQR40N10-25_V01 Datasheet HTML 8Page - Vishay Siliconix SQR40N10-25_V01 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SQR40N10-25
www.vishay.com
Vishay Siliconix
S15-1873-Rev. F, 10-Aug-15
4
Document Number: 69060
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Gate Charge
Source Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Drain Source Breakdown vs. Junction Temperature
0
2
4
6
8
10
0
10203040
50
ID =40A
VDS =50V
Q
g - Total Gate Charge (nC)
TJ = 25 °C
TJ = 150 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
V
SD - Source-to-Drain Voltage (V)
- 50
- 25
0
25
50
75
100
125
150
175
ID =5mA
ID = 250 μA
T
J - Temperature (°C)
- 1.5
- 1.1
- 0.7
- 0.3
0.1
0.5
0.5
0.9
1.3
1.7
2.1
2.5
- 50
- 25
0
25
50
75
100
125
150
175
ID =40A
VGS =10V
T
J - Junction Temperature (°C)
0
0.04
0.08
0.12
0.16
0.20
0
2468
10
TJ = 25 °C
TJ = 150 °C
V
GS - Gate-to-Source Voltage (V)
100
106
112
118
124
130
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
ID = 10 mA


Similar Part No. - SQR40N10-25_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQR40N10-25 VISHAY-SQR40N10-25_15 Datasheet
221Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 10-Aug-15
More results

Similar Description - SQR40N10-25_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2398ES VISHAY-SQ2398ES_15 Datasheet
260Kb / 11P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 30-Jul-15
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_15 Datasheet
165Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
SQP120N10-09 VISHAY-SQP120N10-09_15 Datasheet
153Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQR70090ELR VISHAY-SQR70090ELR Datasheet
240Kb / 7P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQM70060EL VISHAY-SQM70060EL Datasheet
223Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM70060EL VISHAY-SQM70060EL_V02 Datasheet
205Kb / 9P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA68EP VISHAY-SQJA68EP_V02 Datasheet
262Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ476EP VISHAY-SQJ476EP_V01 Datasheet
303Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA700CEJW VISHAY-SQA700CEJW_V02 Datasheet
177Kb / 6P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V02 Datasheet
165Kb / 9P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com