Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1045925 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1045925
Description  Distribution block - PTFIX 2X1,5 BU
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1045925 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1045925 Datasheet HTML 1Page - PHOENIX CONTACT 1045925 Datasheet HTML 2Page - PHOENIX CONTACT 1045925 Datasheet HTML 3Page - PHOENIX CONTACT 1045925 Datasheet HTML 4Page - PHOENIX CONTACT 1045925 Datasheet HTML 5Page - PHOENIX CONTACT 1045925 Datasheet HTML 6Page - PHOENIX CONTACT 1045925 Datasheet HTML 7Page - PHOENIX CONTACT 1045925 Datasheet HTML 8Page - PHOENIX CONTACT 1045925 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Commercial Data
Item number
1045925
Packing unit
1 pc
Minimum order quantity
50 pc
Sales Key
B02
Product Key
BEA111
Catalog Page
Page 429 (C-1-2019)
GTIN
4055626639451
Weight per Piece (including packing)
1.93 g
Weight per Piece (excluding packing)
1.8 g
Customs tariff number
85369010
Country of origin
PL
Distribution block - PTFIX 2X1,5 BU
1045925
https://www.phoenixcontact.com/us/products/1045925
Jun 2, 2022, 7:16 AM
Page 2 (21)


Similar Part No. - 1045925

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
   Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045929 PHOENIX-1045929 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 RD
Jun 2, 2022
More results

Similar Description - 1045925

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1045933 PHOENIX-1045933 Datasheet
484Kb / 20P
   Distribution block - PTFIX 2X1,5-FE
Jul 20, 2022
1045929 PHOENIX-1045929 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 RD
Jun 2, 2022
1045940 PHOENIX-1045940 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 VT
Jun 15, 2022
1045935 PHOENIX-1045935 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 BN
Jun 3, 2022
1045941 PHOENIX-1045941 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 PK
Jun 22, 2022
1045932 PHOENIX-1045932 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 GN
Jun 3, 2022
1045939 PHOENIX-1045939 Datasheet
465Kb / 21P
   Distribution block - PTFIX 2X1,5 OG
Jun 13, 2022
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
   Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1082538 PHOENIX-1082538 Datasheet
124Kb / 10P
   Distribution block - PTFIX 2X1,5 TQ
10/28/2020
1045936 PHOENIX-1045936 Datasheet
462Kb / 21P
   Distribution block - PTFIX 2X1,5 WH
Jun 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com