Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686BIVPBF Datasheet(PDF) 109 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 109 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 105Page - Analog Devices LTM4686BIVPBF Datasheet HTML 106Page - Analog Devices LTM4686BIVPBF Datasheet HTML 107Page - Analog Devices LTM4686BIVPBF Datasheet HTML 108Page - Analog Devices LTM4686BIVPBF Datasheet HTML 109Page - Analog Devices LTM4686BIVPBF Datasheet HTML 110Page - Analog Devices LTM4686BIVPBF Datasheet HTML 111Page - Analog Devices LTM4686BIVPBF Datasheet HTML 112Page - Analog Devices LTM4686BIVPBF Datasheet HTML 113Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 130 page
background image
LTM4686B
109
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
MFR_MODEL
The MFR_MODEL command indicates the manufacturer’s part number of the LTM4686B using ASCII characters. The
MFR_MODEL value is “LTM4686 ”. The value consists of 8 ASCII characters and the last character is a blank space
punctuation character (“ ”), i.e., ASCII code 0x20 or 32d.
This read-only command is in block format.
MFR_SERIAL
The MFR_SERIAL command contains up to 9 bytes of custom formatted data used to uniquely identify the LTM4686B
configuration.
This read-only command is in block format.
MFR_SPECIAL_ID
The 16-bit word representing the part name. The 0x477 prefix denotes the part is an LTM4686B genre, whereas the X
suffix is adjustable by the manufacturer.
This read-only command has 2 data bytes.
FAULT WARNING AND STATUS
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS NVM
DEFAULT
VALUE
CLEAR_FAULTS
0x03
Clear any fault bits that have been set.
Send Byte
N
NA
SMBALERT_MASK
0x1B
Mask ALERT Activity.
Block R/W
Y
Reg
Y
See CMD
Details
MFR_CLEAR_PEAKS
0xE3
Clears all peaks values.
Send Byte
N
NA
STATUS_BYTE
0x78
One byte summary of the unit’s fault
condition.
R/W Byte
Y
Reg
NA
STATUS_WORD
0x79
Two byte summary of the unit’s fault condition. R/W Word
Y
Reg
NA
STATUS_VOUT
0x7A
Output voltage fault and warning status.
R/W Byte
Y
Reg
NA
STATUS_IOUT
0x7B
Output current fault and warning status.
R/W Byte
Y
Reg
NA
STATUS_INPUT
0x7C
Input supply (SVIN) fault and warning status.
R/W Byte
N
Reg
NA
STATUS_ TEMPERATURE
0x7D
TSNSnasensed fault and warning status for
READ_TEMERATURE_1.
R/W Byte
Y
Reg
NA
STATUS_CML
0x7E
Communication and memory fault and
warning status.
R/W Byte
N
Reg
NA
STATUS_MFR_ SPECIFIC
0x80
Manufacturer specific fault and state
information.
R/W Byte
Y
Reg
NA
MFR_PADS
0xE5
Digital status of the I/O pads.
R Word
N
Reg
NA
MFR_COMMON
0xEF
Manufacturer status bits that are common
across multiple ADI ICs/modules.
R Byte
N
Reg
NA
MFR_INFO
0xB6
Manufacturing Specific Information
R Word
N
Reg
NA
CLEAR_FAULTS
The CLEAR_FAULTS command is used to clear any fault bits that have been set. This command clears all bits in all
status commands simultaneously. At the same time, the device negates (clears, releases) its ALERT pin signal output
if the device is asserting the ALERT pin signal. If the fault is still present when the bit is cleared, the fault bit will remain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com