Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5043TR Datasheet(PDF) 10 Page - ams AG

Part # AS5043TR
Description  PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043TR Datasheet(HTML) 10 Page - ams AG

Back Button AS5043TR Datasheet HTML 6Page - ams AG AS5043TR Datasheet HTML 7Page - ams AG AS5043TR Datasheet HTML 8Page - ams AG AS5043TR Datasheet HTML 9Page - ams AG AS5043TR Datasheet HTML 10Page - ams AG AS5043TR Datasheet HTML 11Page - ams AG AS5043TR Datasheet HTML 12Page - ams AG AS5043TR Datasheet HTML 13Page - ams AG AS5043TR Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
AS5043 Programmable 360° Magnetic Angle Encoder
Revision 1.4, 04-Apr-06
www.austriamicrosystems.com
Page 10 of 26
AS5043 Demoboard
+
7
2
3
4
5
6
1
10n
1µF
µC
only required for
OTP programming
OTP: keep these wires as
short as possible
max. length = 2 inches (5cm)
GND
PROG
CSN
DO
CLK
5VUSB
VDD3V3
VSS
+
10µF
2
3
1
GND
VSS
VPROG
7.5 … 8.0V
only required for
OTP programming
connect to USB
interface on PC
VOUT_EXT
8
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
MagRngn
Mode
CSn
CLK
NC
DO
VSS
Prog_DI
DACref
DACout
FB
Vout
NC
NC
VDD3V3
VDD5V
AS5043
IC1
Figure 12: OTP programming hardware connection of AS5043 (shown with AS5043 demoboard)
12.1 Zero Position Programming
The AS5043 allows easy assembly of the system, as the
actual angle of the magnet does not need to be
considered. By OTP programming, any position can be
assigned as the new permanent zero position with an
accuracy of 0.35° (all modes).
Using the same procedure, the AS5043 can be calibrated
to assign a given output voltage to a given angle. With
this approach, all offset errors (DAC + OPAMP) are also
compensated for the calibrated position.
Essentially, for a given mechanical position, the angular
measurement system is electrically rotated (by changing
the Zero Position value in the OTP register), until the
output matches the desired mechanical position.
The example in Figure 13 below shows a configuration
for 5V supply voltage and 10%-90% output voltage
range. It adjusted by Zero Position Programming to
provide an analog output voltage of 2.0 Volts at an angle
of 180°. The slope of the curve may be further adjusted
by changing the gain of the OPAMP output stage and by
selecting the desired angular range (360°/180°/90°/45°).
Figure 13: Zero position programming (shown for 360° mode)
VDD5V
90°
180°
270°
360°
analog
output
voltage
mechanical
angle
5V
2V
the output can be electrically rotated to
match
a given output voltage to any
mechanical position
0V


Similar Part No. - AS5043TR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
725Kb / 36P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043 Datasheet
1Mb / 37P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043ASST AMSCO-AS5043ASST Datasheet
725Kb / 36P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043ASSU AMSCO-AS5043ASSU Datasheet
725Kb / 36P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
More results

Similar Description - AS5043TR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5046 AMSCO-AS5046 Datasheet
77Kb / 2P
PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5043 AMSCO-AS5043_1 Datasheet
725Kb / 36P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5046 AMSCO-AS5046_1 Datasheet
880Kb / 33P
PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5245 AMSCO-AS5245 Datasheet
904Kb / 33P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245 AMSCO-AS5245_1 Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5245 AMSCO-AS5245_04 Datasheet
1Mb / 32P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
logo
TE Connectivity Ltd
KMA36 TEC-KMA36 Datasheet
530Kb / 18P
Contactless Absolute 360째 (180째) angle measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com