Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049 Datasheet(PDF) 132 Page - Texas Instruments

Part # SWCS049
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049 Datasheet(HTML) 132 Page - Texas Instruments

Back Button SWCS049 Datasheet HTML 128Page - Texas Instruments SWCS049 Datasheet HTML 129Page - Texas Instruments SWCS049 Datasheet HTML 130Page - Texas Instruments SWCS049 Datasheet HTML 131Page - Texas Instruments SWCS049 Datasheet HTML 132Page - Texas Instruments SWCS049 Datasheet HTML 133Page - Texas Instruments SWCS049 Datasheet HTML 134Page - Texas Instruments SWCS049 Datasheet HTML 135Page - Texas Instruments SWCS049 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 144 page
background image
132
TPS65911
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65911
Device and Documentation Support
Copyright © 2010–2018, Texas Instruments Incorporated
8
Device and Documentation Support
8.1
Device Support
8.1.1
Development Support
For development support, see the following:
66AK2G02 DSP + ARM Processor Audio Processing Reference Design
66AK2G02 DSP + ARM Processor Power Solution Reference Design
DDR ECC Reference Design to Improve Memory Reliability in 66AK2G02-based Systems
Freescale i.MX6 Dual&Quad Power Reference Design with TPS65911
Freescale i.MX6 Power Reference Design for Electronic Point of Sale Applications
8.1.2
Device Nomenclature
Table 8-1 lists the acronyms and abbreviations used in this document.
Table 8-1. Acronyms, Abbreviations, and Definitions
ACRONYM OR
ABBREVIATION
DEFINITION
DDR
Dual-Data Rate (memory)
ES
Engineering Sample
ESD
Electrostatic Discharge
FET
Field Effect Transistor
EPC
Embedded Power Controller
FSM
Finite State Machine
GND
Ground
GPIO
General-Purpose I/O
HBM
Human Body Model
HD
Hot-Die
HS-I2C
High-Speed I2C
I2C
Inter-Integrated Circuit
IC
Integrated Circuit
ID
Identification
IDDQ
Quiescent supply current
IEEE
Institute of Electrical and Electronics Engineers
IR
Instruction Register
I/O
Input/Output
JEDEC
Joint Electron Device Engineering Council
JTAG
Joint Test Action Group
LBC7
Lin Bi-CMOS 7 (360 nm)
LDO
Low Drop Output voltage linear regulator
LP
Low-Power application mode
LSB
Least Significant Bit
MMC
Multimedia Card
MOSFET
Metal Oxide Semiconductor Field Effect Transistor
NVM
Nonvolatile Memory
OD
Open Drain
OMAP™
Open Multimedia Application Platform™
RTC
Real-Time Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com