Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049B Datasheet(PDF) 123 Page - Texas Instruments

Part # SWCS049B
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049B Datasheet(HTML) 123 Page - Texas Instruments

Back Button SWCS049B Datasheet HTML 119Page - Texas Instruments SWCS049B Datasheet HTML 120Page - Texas Instruments SWCS049B Datasheet HTML 121Page - Texas Instruments SWCS049B Datasheet HTML 122Page - Texas Instruments SWCS049B Datasheet HTML 123Page - Texas Instruments SWCS049B Datasheet HTML 124Page - Texas Instruments SWCS049B Datasheet HTML 125Page - Texas Instruments SWCS049B Datasheet HTML 126Page - Texas Instruments SWCS049B Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 144 page
background image
123
TPS65911
www.ti.com
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TPS65911
Applications, Implementation, and Layout
Copyright © 2010–2018, Texas Instruments Incorporated
Table 7-2. External Component Recommendation (continued)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Inductor (LO(VDD1))
2.2
µH
LO inductor DC resistor (DCRL)
125
VDD2 SMPS
Input capacitor (CI(VCC2))
X5R or X7R dielectric
10
µF
Output filter capacitor (CO(VDD2))
X5R or X7R dielectric
4
10
12
µF
CO filter capacitor ESR
ƒ = 3 MHz
10
300
Inductor (LO(VDD2))
2.2
µH
LO inductor DC resistor (DCRL)
125
VIO SMPS
Input capacitor (CI(VCCIO))
X5R or X7R dielectric
10
µF
Output filter capacitor (CO(VIO))
X5R or X7R dielectric
4
10
12
µF
CO filter capacitor ESR
ƒ = 3 MHz
10
300
Inductor (LO(VIO))
2.2
µH
LO inductor DC resistor (DCRL)
125
VDDCtrl SMPS
Input capacitor (CVIN)
4 × 10
µF
High-side drive boost capacitor
(Cboost)
0.1
µF
Input capacitor for V5IN supply
(CV5IN)
1
µF
Output filter capacitor (CO(VDDCtrl))
330
µF
CO filter capacitor ESR
9
15
Inductor (LO(VDDCtrl))
2.7
µH
LO Inductor DC resistor (DCRL)
20
Trip resistance (Rtrip)
40
Feed forward capacitor (C1)
330
pF
FET FDMC7660
LDO1
Input capacitor (CI(VCC6))
X5R or X7R dielectric
4.7
µF
Output filtering capacitor (CO(LDO1))
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
LDO2
Output filtering capacitor (CO(LDO2))
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
LDO3
Input capacitor (CI(VCC5))
X5R or X7R dielectric
4.7
µF
Output filtering capacitor (CO(LDO3))
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
LDO4
Output filtering capacitor (CO(LDO4))
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
LDO5
Input capacitor (CI(VCC4))
X5R or X7R dielectric
4.7
µF
Output filtering capacitor (CO(LDO5))
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
LDO6
Input capacitor (CI(VCC3))
X5R or X7R dielectric
4.7
µF
Output filtering capacitor (CO(LDO6))
0.8
2.2
2.64
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com