Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049D Datasheet(PDF) 124 Page - Texas Instruments

Part # SWCS049D
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049D Datasheet(HTML) 124 Page - Texas Instruments

Back Button SWCS049D Datasheet HTML 120Page - Texas Instruments SWCS049D Datasheet HTML 121Page - Texas Instruments SWCS049D Datasheet HTML 122Page - Texas Instruments SWCS049D Datasheet HTML 123Page - Texas Instruments SWCS049D Datasheet HTML 124Page - Texas Instruments SWCS049D Datasheet HTML 125Page - Texas Instruments SWCS049D Datasheet HTML 126Page - Texas Instruments SWCS049D Datasheet HTML 127Page - Texas Instruments SWCS049D Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 144 page
background image
OUT
IN
OUT
IN
SW
OUT max
IND
V
V
V
L
V
f
I
K
u
u
u
u
124
TPS65911
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65911
Applications, Implementation, and Layout
Copyright © 2010–2018, Texas Instruments Incorporated
Table 7-2. External Component Recommendation (continued)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
CO filtering capacitor ESR
0
500
LDO7
Output filtering capacitor (CO(LDO7))
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
LDO8
Output filtering capacitor (CO(LDO8))
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
VRTC LDO
Input capacitor (CI(VCC7))
X5R or X7R dielectric
4.7
µF
Output filtering capacitor (CO(VRTC))
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
BACKUP BATTERY
Backup battery capacitor (CBB)
5
10
2000
mF
Series resistors
CBB = 5 mF to 15 mF
10
1500
Ω
7.2.2.2
Controller Design Procedure
Follow these steps to design the controller:
1. Design the output filter
2. Select the FETs
3. Select the bootstrap capacitor
4. Select the input capacitors
5. Set the current limits
VDDCtrl requires a 5-V supply at the V5IN pin with an input capacitor. For most applications, a 1-μF, X5R,
20%, 10-V, or similar capacitor must be used for decoupling.
7.2.2.2.1 Inductor Selection
An inductor must be placed between the external FETs and the output capacitors. Together, the inductor
and output capacitors make the double-pole that contributes to stability. In addition, the inductor is directly
responsible for the output ripple, efficiency, and transient performance. As the inductance increases, the
ripple current decreases, which typically results in an increased efficiency. However, with an increase in
inductance, the transient performance decreases. Finally, the selected inductor must be rated for the
appropriate saturation current, core losses, and DC resistance (DCR). Use Equation 1 to calculate the
recommended inductance for the controller (L).
where
VOUT is the typical output voltage.
VIN is the typical input voltage.
fSW is the typical switching frequency.
IOUTmax is the maximum load current.
KIND is the ratio of ILripple to the IOUTmax. For this application, TI recommends that KIND is set to a value
from 0.2 to 0.4.
(1)
After selecting the value of the inductor, use Equation 2 to calculate the peak current for the inductor in
steady state operation, ILmax. The rated saturation current of the inductor must be greater than the ILmax
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com