Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049D Datasheet(PDF) 133 Page - Texas Instruments

Part # SWCS049D
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049D Datasheet(HTML) 133 Page - Texas Instruments

Back Button SWCS049D Datasheet HTML 129Page - Texas Instruments SWCS049D Datasheet HTML 130Page - Texas Instruments SWCS049D Datasheet HTML 131Page - Texas Instruments SWCS049D Datasheet HTML 132Page - Texas Instruments SWCS049D Datasheet HTML 133Page - Texas Instruments SWCS049D Datasheet HTML 134Page - Texas Instruments SWCS049D Datasheet HTML 135Page - Texas Instruments SWCS049D Datasheet HTML 136Page - Texas Instruments SWCS049D Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 144 page
background image
133
TPS65911
www.ti.com
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TPS65911
Device and Documentation Support
Copyright © 2010–2018, Texas Instruments Incorporated
Table 8-1. Acronyms, Abbreviations, and Definitions (continued)
ACRONYM OR
ABBREVIATION
DEFINITION
SMPS
Switched Mode Power Supply
SPI
Serial Peripheral Interface
POR
Power-On Reset
8.2
Documentation Support
8.2.1
Related Documentation
For related documentation see the following:
Texas Instruments, CSD87330Q3D Synchronous Buck NexFET™ Power Block data sheet
Texas Instruments, Empowering Designs With Power Management IC (PMIC) for Processor
Applications application report
Texas Instruments, Basic Calculation of a Buck Converter's Power Stage application report
Texas Instruments, TPS65911x Schematic Checklist
Texas Instruments, TPS65911 Layout Guidelines
Texas Instruments, TPS65911A User's Guide for 66AK2G12 Processor
Texas Instruments, TPS659114 for Freescale i.MX6 Dual/Quad User's Guide
Texas Instruments, TPS659118 User’s Guide for 66AK2G02 Processor
Texas Instruments, TPS6591133 Centaurus User Guide
Texas Instruments, TPS659113 Centaurus User Guide
Texas Instruments, TPS659112 Netra User Guide
8.3
Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the
upper right corner, click on Alert me to register and receive a weekly digest of any product information that
has changed. For change details, review the revision history included in any revised document.
8.4
Community Resources
8.4.1
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E™ Online Community The TI engineer-to-engineer (E2E) community was created to foster
collaboration among engineers. At e2e.ti.com, you can ask questions, share knowledge,
explore ideas and help solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools
and contact information for technical support.
8.5
Trademarks
MicroStar Junior, OMAP, NexFET, E2E are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
8.6
Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com