Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35710B01I-K8T2U Datasheet(PDF) 10 Page - ABLIC Inc.

Part # S-35710B01I-K8T2U
Description  PROGRAMMABLE WAKE-UP TIMER IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-35710B01I-K8T2U Datasheet(HTML) 10 Page - ABLIC Inc.

Back Button S-35710B01I-K8T2U Datasheet HTML 6Page - ABLIC Inc. S-35710B01I-K8T2U Datasheet HTML 7Page - ABLIC Inc. S-35710B01I-K8T2U Datasheet HTML 8Page - ABLIC Inc. S-35710B01I-K8T2U Datasheet HTML 9Page - ABLIC Inc. S-35710B01I-K8T2U Datasheet HTML 10Page - ABLIC Inc. S-35710B01I-K8T2U Datasheet HTML 11Page - ABLIC Inc. S-35710B01I-K8T2U Datasheet HTML 12Page - ABLIC Inc. S-35710B01I-K8T2U Datasheet HTML 13Page - ABLIC Inc. S-35710B01I-K8T2U Datasheet HTML 14Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC
S-35710 Series
Rev.1.1_00
10
SCL
SDA
(S-35710 input)
SDA
(S-35710 output)
tBUF
tR
tSU.STO
tSU.DAT
tHD.DAT
tAA
tHIGH
tLOW
tHD.STA
tSU.STA
tF
Figure 10 Bus Timing
1
3
5
7
9
11
13
15
Load capacitance [pF]
10
fSCL = 1.0 MHz
fSCL = 400 kHz
100
1000
Figure 11 Output Load


Similar Part No. - S-35710B01I-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
More results

Similar Description - S-35710B01I-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35720 ABLIC-S-35720 Datasheet
415Kb / 20P
   PIN-SELECTABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35710M ABLIC-S-35710M Datasheet
655Kb / 29P
   PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
Rev.1.1_00
logo
Toshiba Semiconductor
TA8008F TOSHIBA-TA8008F Datasheet
344Kb / 9P
   VOLTAGE REGULATOR WITH WAKE UP TIMER
logo
Linear Technology
LTC2956 LINER-LTC2956_15 Datasheet
315Kb / 26P
   Wake-Up Timer with Pushbutton Control
LTC2956 LINER-LTC2956 Datasheet
274Kb / 10P
   Wake-Up Timer with Pushbutton Control
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
   PROGRAMMABLE TIMER CMOS IC
logo
ATMEL Corporation
ATA5283 ATMEL-ATA5283 Datasheet
233Kb / 14P
   Interface IC for 125 kHz Wake-up Function
ATA5283 ATMEL-ATA5283_07 Datasheet
271Kb / 14P
   Interface IC for 125 kHz Wake-up Function
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com