Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSF Datasheet(PDF) 1 Page - C&K Components

Part # KSF
Description  Low-profile Tact SwitchS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSF Datasheet(HTML) 1 Page - C&K Components

  KSF Datasheet HTML 1Page - C&K Components KSF Datasheet HTML 2Page - C&K Components KSF Datasheet HTML 3Page - C&K Components KSF Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-35
B
Actuation force
Operating life
Travel to
Type
Newtons (grams)
(operations)
make
KSB0M110
1.6 (160)
100,000
0,15 ± 0,05
KSB0M410
3.0 (300)
500,000
0,15 ± 0,05
KSF0M210
1.3 (130)
1,000,000
0,25 ± 0,1/-0,0
KSF0M310
1.6 (160)
500,000
0,25 ± 0,1/-0,0
KSF0M410
3.0 (300)
100,000
0,3+0,1/-0.0
KSF0M510
5.0 (500)
100,000
0,3+0,1/-0.0
KSF0M910
3.0 (300)
500,000
0,3+0,1/-0.0
KSB & KSF Series
Low-profile Tact Switch
Features/Benefits
Low profile
Protected against flux
KSB without top sealing
KSF with top sealing
Typical Applications
Low profile keyboards
Instrumentation
Industrial control
Medical
Military
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
Ground Terminal
0 Without
1 With (KSF only)
Insertion
M Manual (bulk packaging)
A Automatic (tube packaging)*
* KSF only
K
S
Contact Material
1 Silver contacts
3 Gold contacts
Type
B Without actuator
F Flat membrane
Operation Force
1 1.6 N (160 grams), 100,000 operations (KSB only)
2 1.3 N (130 grams), 100,000 operations (KSF only)
3 1.6 N (160 grams), 500,000 operations (KSF only)
4 3 N (300 grams), 100,000 operations
5 5 N (500 grams), 100,000 operations (KSF only)
9 3 N (300 grams), 500,000 operations (KSF only)
Sealing
0 Sealed against flux
1 Totally sealed (KSF only)
2 High performace seal (KSF only)
Specification
CONTACT ARRANGEMENT: SPST, N.O.
DOUBLE OVERMOLDING ON TERMINAL
MEMBRANE SEALING
TERMINALS: PC pins
Packaging
KSF delivered in tubes of 65 pieces for automatic insertion. KSB in
boxes of 500 pieces for manual insertion.
Mechanical
NOTE: Part numbers listed above do not represent all possible configurations.
For information on specific and custom switches, consult Customer Service Center.
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
50 VDC
50 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): 300 Vrms
CONTACT RESISTANCE: KSF 50 m
Ω; KSB 100 mΩ
INSULATION RESISTANCE (100 V):
≤ 1011
BOUNCE TIME: 1 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 90˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-40˚C to 85˚C
-55˚C to 125˚C
Process
Wave soldering EIA-RS448-2
B
T
N
K
1
0
Button Style
K10 10 mm square (for KSF only)
Button Color
10 Dark gray
20 Light gray
30 Yellow
40 Red
50 Green
60 Blue
70 Gray-blue
80 Ivory
90 Black
BUTTON
SWITCH
Button must be ordered separately
and will be supplied in bulk.


Similar Part No. - KSF

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSF CK-COMPONENTS-KSF Datasheet
172Kb / 2P
Soft actuated switch
logo
M-System Co.,Ltd.
KSF MSYSTEM-KSF Datasheet
107Kb / 3P
Plug-in Signal Conditioners K-UNIT
logo
C&K Components
KSF CK-COMPONENTS-KSF Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
logo
M-System Co.,Ltd.
KSF-31-B MSYSTEM-KSF-31-B Datasheet
107Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSF-31-B/Q MSYSTEM-KSF-31-B/Q Datasheet
107Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KSF

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
logo
C&K Components
KSE CK-COMPONENTS-KSE Datasheet
574Kb / 2P
Low Profile Tact Switch
KSE CK-COMPONENTS-KSE_V01 Datasheet
545Kb / 3P
Low Profile Tact Switch
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
687Kb / 22P
Low-profile Tact Switch
logo
ITT Industries
KSB ITT-KSB Datasheet
184Kb / 2P
Low-profile Tact Switch
logo
C&K Components
KSE CK-COMPONENTS-KSE_11 Datasheet
193Kb / 2P
Low Profile Tact Switch
logo
E-SWITCH
TL3315 E-SWITCH-TL3315 Datasheet
91Kb / 1P
TACT SWITCHES SMT - LOW PROFILE
logo
GREEGOO Electric Co.,Lt...
TZ-6001 GREEGOO-TZ-6001 Datasheet
1Mb / 2P
Limit Switchs
logo
List of Unclassifed Man...
SKQGAEE010 ETC2-SKQGAEE010 Datasheet
178Kb / 5P
TACT SwitchTM 5.2X5.2mm Low-profile (SMD)Type
logo
Maxim Integrated Produc...
DG304 MAXIM-DG304 Datasheet
291Kb / 8P
CMOS Analog Switchs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com