| Electronic Components Datasheet Search |
|
XAM2431..ALX Datasheet(PDF) 256 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM2431..ALX Datasheet(HTML) 256 Page - Texas Instruments |
|
256 / 280 page ![]() 9 Applications, Implementation, and Layout Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes, as well as validating and testing their design implementation to confirm system functionality. 9.1 Device Connection and Layout Fundamentals 9.1.1 Power Supply 9.1.1.1 Power Supply Designs The LP8733xx Power Management IC (PMIC) is recommended for an integrated AM243x power design. This cost and space optimized silicon powers the latest Sitara devices and their principal peripherals. For the full application note and related operational details, refer to Using LP8733xx and TPS65218xx PMICs to Power AM64x and AM243x Sitara Processors. Note AM243x supports discrete power supply topologies and customized power designs to meet various system requirements. 9.1.1.2 Power Distribution Network Implementation Guidance The Sitara Processor Power Distribution Networks: Implementation and Analysis provides guidance for successful implementation of the power distribution network. This includes PCB stackup guidance as well as guidance for optimizing the selection and placement of the decoupling capacitors. TI only supports designs that follow the board design guidelines contained in the application report. 9.1.2 External Oscillator For more information about External Oscillators, see the Clock Specifications section. 9.1.3 JTAG and EMU Texas Instruments supports a variety of eXtended Development System (XDS) JTAG controllers with various debug capabilities beyond only JTAG support. A summary of this information is available in the XDS Target Connection Guide. For recommendations on JTAG, EMU, and TRACE routing, see the Emulation and Trace Headers Technical Reference Manual 9.1.4 Unused Pins For more information about Unused Pins, see the Pin Connectivity Requirements section. AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 www.ti.com 256 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |