Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVR10 Datasheet(PDF) 247 Page - Microchip Technology

Part # DVR10
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVR10 Datasheet(HTML) 247 Page - Microchip Technology

Back Button DVR10 Datasheet HTML 243Page - Microchip Technology DVR10 Datasheet HTML 244Page - Microchip Technology DVR10 Datasheet HTML 245Page - Microchip Technology DVR10 Datasheet HTML 246Page - Microchip Technology DVR10 Datasheet HTML 247Page - Microchip Technology DVR10 Datasheet HTML 248Page - Microchip Technology DVR10 Datasheet HTML 249Page - Microchip Technology DVR10 Datasheet HTML 250Page - Microchip Technology DVR10 Datasheet HTML 251Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 247
PIC24FJ256GA705 FAMILY
REGISTER 20-6:
PMCSxBS: EPMP CHIP SELECT x BASE ADDRESS REGISTER(2)
R/W(1)
R/W(1)
R/W(1)
R/W(1)
R/W(1)
R/W(1)
R/W(1)
R/W(1)
BASE<23:16>
bit 15
bit 8
R/W(1)
U-0
U-0
U-0
R/W(1)
U-0
U-0
U-0
BASE15
—
—
—
BASE11
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-7
BASE<23:15>: Chip Select x Base Address bits(1)
bit 6-4
Unimplemented: Read as ‘0’
bit 3
BASE11: Chip Select x Base Address bit(1)
bit 2-0
Unimplemented: Read as ‘0’
Note 1:
The value at POR is 0080h for PMCS1BS and 8080h for PMCS2BS.
2:
If the whole PMCS2BS register is written together as 0x0000, then the last EDS address for the Chip
Select 1 will be FFFFFFh. In this case, Chip Select 2 should not be used. PMCS1BS has no such feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com