Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVR10 Datasheet(PDF) 364 Page - Microchip Technology

Part # DVR10
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVR10 Datasheet(HTML) 364 Page - Microchip Technology

Back Button DVR10 Datasheet HTML 360Page - Microchip Technology DVR10 Datasheet HTML 361Page - Microchip Technology DVR10 Datasheet HTML 362Page - Microchip Technology DVR10 Datasheet HTML 363Page - Microchip Technology DVR10 Datasheet HTML 364Page - Microchip Technology DVR10 Datasheet HTML 365Page - Microchip Technology DVR10 Datasheet HTML 366Page - Microchip Technology DVR10 Datasheet HTML 367Page - Microchip Technology DVR10 Datasheet HTML 368Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 364
 2016-2018 Microchip Technology Inc.
TABLE 32-6:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Operating
Temperature
VDD
Conditions
Power-Down Current(4,5)
DC60
2.5
10
µA
-40°C
2.0V
Sleep(2)
3.2
10
µA
+25°C
11.5
45
µA
+85°C
46.1
205
µA
+125°C
3.2
10
µA
-40°C
3.3V
4.4
10
µA
+25°C
12.2
45
µA
+85°C
47.7
213
µA
+125°C
DC61
165
—
nA
-40°C
2.0V
Low-Voltage Retention Sleep(3)
190
—
nA
+25°C
14.5
—
µA
+85°C
14.5
—
µA
+125°C
220
—
nA
-40°C
3.3V
300
—
nA
+25°C
15
—
µA
+85°C
15
—
µA
+125°C
Note 1:
Data in the “Typical” column is at 3.3V, +25°C unless otherwise stated. Parameters are for design
guidance only and are not tested.
2:
The retention low-voltage regulator is disabled; RETEN (RCON<12>) = 0, LPCFG (FPOR<2>) = 1.
3:
The retention low-voltage regulator is enabled; RETEN (RCON<12>) = 1, LPCFG (FPOR<2>) = 0.
4:
Base IPD is measured with all peripherals and clocks shut down. All I/Os are configured as outputs and
driven low. WDT, BOR and JTAG are all disabled.
5:
These currents are measured on the device containing the most memory in this family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com