Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2430-RTR1-F64 Datasheet(PDF) 221 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 221 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 217Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 218Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 219Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 220Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 221Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 222Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 223Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 224Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 225Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 221 of 232
Bit
Name
Reset
R/W
Description
7:5
-
000
R0
Reserved, read as 0.
4
TX_ACTIVE
0
R
TX active indicates transmission in progress
0 : TX inactive
1 : TX active
3
FIFO
0
R
RXFIFO data available
0 : No data available in RXFIFO
1 : One or more bytes available in RXFIFO
2
FIFOP
0
R
RXFIFO threshold flag
0 : Number of bytes in RXFIFO is less or equal threshold
set by
IOCFG0.FIFOP_THR
1 : Number of bytes in RXFIFO is above threshold set by
IOCFG0.FIFOP_THR
1
SFD
0
R
Start of Frame Delimiter status
0 : SFD inactive
1 : SFD active
0
CCA
R
Clear Channel Assessment
Table 101: Register RFSTATUS (0xDF62)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com