Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCK100-8 Datasheet(PDF) 2 Page - SemiWell Semiconductor

Part # MCK100-8
Description  Sensitive Gate Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

MCK100-8 Datasheet(HTML) 2 Page - SemiWell Semiconductor

  MCK100-8 Datasheet HTML 1Page - SemiWell Semiconductor MCK100-8 Datasheet HTML 2Page - SemiWell Semiconductor MCK100-8 Datasheet HTML 3Page - SemiWell Semiconductor MCK100-8 Datasheet HTML 4Page - SemiWell Semiconductor MCK100-8 Datasheet HTML 5Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics ( T
C = 25 °C unless otherwise noted )
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VAK = VDRM or VRRM ; RGK = 1000 Ω
TC = 25 °C
TC = 125 °C
10
200
VTM
Peak On-State Voltage (1)
( ITM = 1 A, Peak )
1.2
1.7
V
IGT
Gate Trigger Current (2)
VAK = 6 V, RL=100 Ω
TC = 25 °C
TC = - 40 °C
200
500
VGT
Gate Trigger Voltage (2)
VD = 7 V, RL=100 Ω
TC = 25 °C
TC = - 40 °C
0.8
1.2
V
VGD
Non-Trigger Gate Voltage (1)
VAK = 12 V, RL=100 Ω
TC = 125 °C
0.2
──
V
dv/dt
Critical Rate of Rise Off-State
Voltage
VD = 0.67 VDRM ,
Exponential waveform,
RGK = 1000 Ω
TJ=125°C
500
800
V/㎲
di/dt
Critical Rate of Rise On-State
Current
ITM = 2A ; Ig = 10mA
──
50
A/㎲
IH
Holding Current
VAK = 12 V, Gate Open
Initiating Curent = 50mA
TC = 25 °C
TC = - 40 °C
2
5.0
10
mA
Rth(j-c)
Thermal Impedance
Junction to case
──
15
°C/W
Rth(j-a)
Thermal Impedance
Junction to Ambient
──
125
°C/W
MCK100-8
2/5
Notes :
1. Pulse Width ≤ 1.0 ms , Duty cycle ≤ 1%
2. Does not include RGK in measurement.


Similar Part No. - MCK100-8

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
MCK100-8 WINSEMI-MCK100-8 Datasheet
267Kb / 5P
Silicon Controlled Rectifiers
logo
Tiger Electronic Co.,Lt...
MCK100-8 TGS-MCK100-8 Datasheet
118Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
More results

Similar Description - MCK100-8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
SemiWell Semiconductor
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
Sensitive Gate / Silicon Controlled Rectifiers
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com