Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RWR80W1000BMS73 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RWR80W1000BMS73
Description  Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, Up to S Level, Axial Lead
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWR80W1000BMS73 Datasheet(HTML) 3 Page - Vishay Siliconix

  RWR80W1000BMS73 Datasheet HTML 1Page - Vishay Siliconix RWR80W1000BMS73 Datasheet HTML 2Page - Vishay Siliconix RWR80W1000BMS73 Datasheet HTML 3Page - Vishay Siliconix RWR80W1000BMS73 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RWR Military
www.vishay.com
Vishay Dale
Revision: 15-Nov-17
3
Document Number: 30203
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MATERIAL SPECIFICATIONS
Element: copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: ceramic, beryllium oxide (1), steatite or alumina,
depending on power requirement
Coating: special high temperature silicone
Terminal and Winding: the terminal and the winding are
identified by a letter symbol in the military type designation.
Military symbol:
S = solderable, inductively wound
W = weldable, inductively wound
N = solderable, non-inductively wound
Z = weldable, non-inductively wound
Terminals: solderable - Tinned Copperweld®
Weldable - bare nickel per MIL-STD-1276, Type N-1
End Caps: stainless steel
Part Marking: source code, JAN, military PIN, date/lot code
Note
(1) RWR82S and RWR82N: Core consists of beryllium oxide
ceramic
DERATING
Note
(1)
For resistance values above 100
, test limit is ± 1.0 %
AMBIENT TEMPERATURE IN °C
25
0
20
40
60
80
100
120
- 65 - 50
0
50
150
250
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
MIL-STD-202, method 107
± (0.2 % + 0.005
) R
Short Time Overload
5x rated power (RWR71, RWR80, RWR81, RWR89, RWR82),
10 x rated power (RWR74, RWR78, RWR84) for 5 s
± (0.2 % + 0.005
) R
Dielectric Withstanding Voltage
500 VRMS (RWR80, RWR81, RWR82), 
1000 VRMS (RWR71, RWR74, RWR78, RWR84, RWR89), 1 min duration
± (0.1 % + 0.005
) R
Low Temperature Storage
-55 °C for 24 h
± (0.1 % + 0.005
) R
High Temperature Exposure
250 °C for 2000 h
± (1.0 % + 0.005
) R (1)
Moisture Resistance
MIL-STD-202, method 106
± (0.2 % + 0.005
) R
Shock, Specified Pulse
MIL-STD-202, method 213, condition I
± (0.1 % + 0.005
) R
Vibration, High Frequency
MIL-STD-202, method 204, condition D
± (0.1 % + 0.005
) R
Load Life
2000 h at rated power, +25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (0.5 % + 0.005
) R
Extended Life
10 000 h at rated power, +25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.005
) R
Terminal Strength
MIL-STD-202, method 211, condition A and C
5 pound (RWR80, RWR81, RWR82),
10 pound (RWR71, RWR74, RWR78, RWR84, RWR89)
± (0.1 % + 0.005
) R


Similar Part No. - RWR80W1000BMS73

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWR80W1000B VISHAY-RWR80W1000B Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
More results

Similar Description - RWR80W1000BMS73

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWR VISHAY-RWR Datasheet
169Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, Up to S Level, Axial Lead
Revision: 14-Jul-16
RWR81NR100FR VISHAY-RWR81NR100FR Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RWR81S10R0FS VISHAY-RWR81S10R0FS Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RWR71S1002FR VISHAY-RWR71S1002FR Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RWR89SR100FRB12 VISHAY-RWR89SR100FRB12 Datasheet
165Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 11-Jul-13
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
ERH VISHAY-ERH Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
RER VISHAY-RER Datasheet
172Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Jun-16
RER65F7500R VISHAY-RER65F7500R Datasheet
175Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Feb-11
RER70F VISHAY-RER70F Datasheet
168Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-May-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com