Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F040 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F040
Description  25 MIPS, 64 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040 Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F040 Datasheet HTML 1Page - Silicon Laboratories C8051F040 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAN 2.0B
Copyright © 2005 by Silicon Laboratories
5.5.2005
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
C8051F040
25 MIPS, 64 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
Selected Electrical Specifications
(TA = –40 to +85 C°, VDD = 2.7 V unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GLOBAL CHARACTERISTICS
Supply Voltage
2.7
3.6
V
Supply Current (CPU active)
Clock = 25 MHz
Clock = 1 MHz
Clock = 32 kHz; VDD Monitor
Enabled
10
0.5
20
mA
mA
µA
Supply Current (shutdown)
Oscillator not running; VDD Monitor
Disabled
0.1
µA
Clock Frequency Range
DC
25
MHz
A/D CONVERTER
Resolution
12
bits
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
Signal-to-Noise Plus
Distortion
66
69
dB
Throughput Rate
100
ksps
Input Voltage Range
0
VREF
V
D/A CONVERTERS
Resolution
12
LSB
Differential Nonlinearity
±1
LSB
Output Settling Time
10
µs
COMPARATORS
Supply Current
(each Comparator)
1.5
µA
Response Time
| CP+ – CP- | = 100 mV
4
µs
Package Information
A
A1
A2
b
D
D1
e
E
E1
-
0.05
0.95
0.17
-
-
-
-
-
-
-
1.00
0.22
16.00
14.00
0.50
16.00
14.00
1.20
0.15
1.05
0.27
-
-
-
-
-
MIN
(mm)
NOM
(mm)
MAX
(mm)
100
e
A1
b
A2
A
PIN 1
DESIGNATOR
1
E1 E
D1
D
C8051F040DK Development Kit


Similar Part No. - C8051F040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F040 ETC-C8051F040 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
logo
Silicon Laboratories
C8051F040 SILABS-C8051F040 Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F040 SILABS-C8051F040 Datasheet
5Mb / 320P
   8K ISP FLASH MCU Family
Rev. 1.7
C8051F040-GQ SILABS-C8051F040-GQ Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQ SILABS-C8051F040-GQ Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F020 SILABS-C8051F020 Datasheet
178Kb / 2P
   25 MIPS, 64 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F021 SILABS-C8051F021 Datasheet
194Kb / 2P
   25 MIPS, 64 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F005 SILABS-C8051F005 Datasheet
172Kb / 2P
   25 MIPS, 32 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F062 SILABS-C8051F062 Datasheet
433Kb / 2P
   25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F044 SILABS-C8051F044 Datasheet
438Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F060-GQR SILABS-C8051F060-GQR Datasheet
442Kb / 2P
   25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F042 SILABS-C8051F042 Datasheet
431Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F064 SILABS-C8051F064 Datasheet
180Kb / 2P
   25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F060 SILABS-C8051F060 Datasheet
434Kb / 2P
   25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F022 SILABS-C8051F022 Datasheet
176Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com