Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F221 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F221
Description  25 MIPS, 8 kB Flash, 8-Bit ADC, 32-Pin Mixed-Signal MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F221 Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F221 Datasheet HTML 1Page - Silicon Laboratories C8051F221 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Purpose
Copyright © 2005 by Silicon Laboratories
5.5.2005
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
C8051F221
25 MIPS, 8 kB Flash, 8-Bit ADC, 32-Pin Mixed-Signal MCU
Selected Electrical Specifications
(TA = –40 to +85 C°, VDD = 2.7 V unless otherwise specified unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GLOBAL CHARACTERISTICS
Digital Supply Voltage
2.7
3.6
V
Digital Supply Current
with CPU active
Clock = 25 MHz
Clock = 1 MHz
Clock = 32 kHz
9
0.4
18
mA
mA
µA
Digital Supply Current
(shutdown)
Oscillator not running
7
µA
Digital Supply RAM Data
Retention Voltage
1.5
V
CPU & DIGITAL I/O PORTS
Clock Frequency Range
DC
25
MHz
Port Output High Voltage
IOH = –3 mA, Port I/O push-pull
VDD – 0.7
V
Port Output Low Voltage
IOL = 8.5 mA
0.6
V
Input High Voltage
0.8 x VDD
V
Input Low Voltage
0.2 x VDD
V
SPI Bus Clock Frequency
fCLK=MCU Clock; SPI in Master Mode
fCLK/2
MHz
A/D CONVERTER
Resolution
8
bits
Integral Nonlinearity
±1/2
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1/2
LSB
Signal to Noise Ratio
49
dB
Throughput Rate
100
ksps
Input Voltage Range
0
VREF
V
COMPARATORS
Response Time
| CP+ – CP- | = 100 mV
4
µs
Input Voltage Range
–0.25
VDD + 0.25
V
Input Bias Current
–5
0.001
+5
nA
Input Offset Voltage
–10
+10
mV
Package Information
A
A1
A2
b
D
D1
e
E
E1
-
0.05
1.35
0.30
-
-
-
-
-
-
-
1.40
0.37
9.00
7.00
0.80
9.00
7.00
1.60
0.15
1.45
0.45
-
-
-
-
-
MIN
(mm)
NOM
(mm)
MAX
(mm)
PIN 1
IDENTIFIER
A1
e
b
1
32
E1
D1
D
E
A2
A
C8051F226DK Development Kit


Similar Part No. - C8051F221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F221 ETC-C8051F221 Datasheet
108Kb / 2P
   Mixed-Signal 8KB ISP FLASH MCU
More results

Similar Description - C8051F221

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F312 SILABS-C8051F312 Datasheet
172Kb / 2P
   25 MIPS, 8 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F231 SILABS-C8051F231 Datasheet
427Kb / 2P
   25 MIPS, 8 kB Flash, 32-Pin Mixed-Signal MCU
C8051F314 SILABS-C8051F314 Datasheet
162Kb / 2P
   25 MIPS, 8 kB Flash, 32-Pin Mixed-Signal MCU
C8051F226 SILABS-C8051F226 Datasheet
430Kb / 2P
   25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F302 SILABS-C8051F302 Datasheet
199Kb / 2P
   25 MIPS, 8 kB Flash, 8-Bit ADC, 11-Pin Mixed-Signal MCU
C8051F220 SILABS-C8051F220 Datasheet
428Kb / 2P
   25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F007 SILABS-C8051F007 Datasheet
166Kb / 2P
   25 MIPS, 32 kB Flash, 12-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F330 SILABS-C8051F330 Datasheet
450Kb / 2P
   25 MIPS, 8 kB Flash, 10-Bit ADC, 20-Pin Mixed-Signal MCU
C8051F017 SILABS-C8051F017 Datasheet
166Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F313 SILABS-C8051F313 Datasheet
432Kb / 2P
   25 MIPS, 8 kB Flash, 10-Bit ADC, 28-Pin Mixed-Signal MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com