Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6526ACD Datasheet(PDF) 221 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 221 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 217Page - Texas Instruments AM6526ACD Datasheet HTML 218Page - Texas Instruments AM6526ACD Datasheet HTML 219Page - Texas Instruments AM6526ACD Datasheet HTML 220Page - Texas Instruments AM6526ACD Datasheet HTML 221Page - Texas Instruments AM6526ACD Datasheet HTML 222Page - Texas Instruments AM6526ACD Datasheet HTML 223Page - Texas Instruments AM6526ACD Datasheet HTML 224Page - Texas Instruments AM6526ACD Datasheet HTML 225Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 284 page
background image
Table 7-64. Switching Characteristics for MMCi - SDR104, HS200 Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SDR1041
fop(clk)
Operating frequency, MMCi_CLK
200
MHz
SDR1042H tw(clkH)
Pulse duration, MMCi_CLK high
2.08
ns
SDR1042L tw(clkL)
Pulse duration, MMCi_CLK low
2.08
ns
SDR1045
td(clkH-cmdV)
Delay time, MMCi_CLK rising clock edge to MMCi_CMD transition
1.12
3.16
ns
SDR1046
td(clkH-dV)
Delay time, MMCi_CLK rising clock edge to MMCi_DAT[j:0]
transition
1.12
3.16
ns
Figure 7-83. eMMC/SD/SDIO in - High Speed SDR104, HS200 - Transmitter Mode
For more information, see section Multimedia Card/Secure Digital (eMMC/SD/SDIO) Interface in the device
TRM.
7.9.5.17 CPTS
Table 7-65 presents CPTS Timing Conditions.
Table 7-65. CPTS Timing Conditions
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
10
pF
Section 7.9.5.17.1, Section 7.9.5.17.2, Figure 7-84, and Figure 7-85 present timing requirement and switching
characteristics of the CPTS interface.
7.9.5.17.1 CPTS Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
T1
tw(HWTSPUSHH)
HWnTSPUSH(2) pulse duration, high
6 + 12P
(1)
ns
T2
tw(HWTSPUSHL)
HWnTSPUSH(2) pulse duration, low
6 + 12P
(1)
ns
T3
tc(RFT_CLK)
RFT_CLK cycle time
5
8
ns
T4
tw(RFT_CLKH)
RFT_CLK pulse duration, high
0.45 * T(3)
ns
T5
tw(RFT_CLKL)
RFT_CLK pulse duration, low
0.45 * T(3)
ns
(1)
P = functional clock period in ns.
(2)
In HWnTSPUSH, n = 1 to 2.
(3)
T = RFT_CLK period in ns.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
221
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com