Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9945TR Datasheet(PDF) 108 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 108 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 104Page - STMicroelectronics L9945TR Datasheet HTML 105Page - STMicroelectronics L9945TR Datasheet HTML 106Page - STMicroelectronics L9945TR Datasheet HTML 107Page - STMicroelectronics L9945TR Datasheet HTML 108Page - STMicroelectronics L9945TR Datasheet HTML 109Page - STMicroelectronics L9945TR Datasheet HTML 110Page - STMicroelectronics L9945TR Datasheet HTML 111Page - STMicroelectronics L9945TR Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 151 page
background image
[23] UV_DIS_STATE: Shows if the device is currently in VDD5 under voltage disable
0: Currently no UV condition
1: UV condition active
Reset: 0
Reset Condition: Read out POR, NRES
[22] UV_DIS_LATCH: Bit set to 1 (UV filter expired) if VDD5 under voltage disable was triggered
0: no UV condition detected
1: UV condition detected
Reset: 0
Reset Condition: Read out POR
[21] DIS_STATE: Shows if the device is currently disabled by the DIS input signal
0: DIS inactive
1: DIS active
Reset: X
Reset Condition: -
[20] DIS_LATCH: Shows if DIS was applied since last read out. Bit set to 1 by DIS input set HIGH
0: No DIS detected
1: DIS detected
Reset: X
Reset Condition: Read out POR
[19] NDIS_STATE: Shows if the device is currently disabled by the NDIS input signal
0: NDIS active
1: NDIS inactive
Reset: X
Reset Condition: -
[18] NDIS_LATCH: Shows if NDIS was applied since last read out. Bit set to 1 by NDIS input = LOW
0: No NDIS detected
1: NDIS detected
Reset: X
Reset Condition: Read out POR
[17] NDIS_OUT_LATCH: Shows NDIS was used as output and internally pulled down.
0: No internal NDIS activation
1: Internal NDIS activation
Reset: X
Reset Condition: Read out POR
[16] CONFIG_CC_STATE: Shows if communication check functionality is activated or deactivated
0: CC inactive
1: CC active
Reset: X
Reset Condition: Read out POR
[15] CC_LATCH: Shows if CC failed since last read out. Bit set to 1 if communication check failed
0: no CC failure detected
1: CC failure detected
Reset: X
Reset Condition: Read out POR
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 108/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com