Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9945TR Datasheet(PDF) 141 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 141 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 137Page - STMicroelectronics L9945TR Datasheet HTML 138Page - STMicroelectronics L9945TR Datasheet HTML 139Page - STMicroelectronics L9945TR Datasheet HTML 140Page - STMicroelectronics L9945TR Datasheet HTML 141Page - STMicroelectronics L9945TR Datasheet HTML 142Page - STMicroelectronics L9945TR Datasheet HTML 143Page - STMicroelectronics L9945TR Datasheet HTML 144Page - STMicroelectronics L9945TR Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 151 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
TQFP64 (10x10x1 mm exp. pad down) package information
Figure 40. TQFP64 (10x10x1 mm exp. pad down) package outline
SECTION B-B
S
L
b1
c
c1
(b)
(L1)
R1
R2
GAUGE PLANE
θ
7278840_Rev9.0_PkgCode_9I
D
N
(N-4) x
1
2
3
D1
E
E1
D
A
A
A
(see SECTION A-A)
A
A2
A1
C
H
ccc C
e
b
D2
D3
E3 E2
D1/4
E1/4
B
4x N/4 TIPS
4x
D1/4
E1/4
─ 0.05
aaa C A-B D
bbb H A-B D
A
M
D
GAPGPS03451
BOTTOM VIEW
SECTION A-A
WITH PLATING
θ2
θ1
θ3
BASE METAL
ddd
TOP VIEW
L9945
Package information
DS12275 - Rev 8
page 141/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com