Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LUS5 Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 116Page - STMicroelectronics ST7LUS5 Datasheet HTML 117Page - STMicroelectronics ST7LUS5 Datasheet HTML 118Page - STMicroelectronics ST7LUS5 Datasheet HTML 119Page - STMicroelectronics ST7LUS5 Datasheet HTML 120Page - STMicroelectronics ST7LUS5 Datasheet HTML 121Page - STMicroelectronics ST7LUS5 Datasheet HTML 122Page - STMicroelectronics ST7LUS5 Datasheet HTML 123Page - STMicroelectronics ST7LUS5 Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 122 / 124 page
background image
Known limitations
ST7LUS5, ST7LU05, ST7LU09
122/124
15.2.2
In-circuit programming of devices previously programmed with
Hardware Watchdog option
Description
In-circuit programming of devices configured with hardware watchdog (WDGSW bit in option
byte 1 programmed to 0) requires certain precautions (see below).
In-circuit programming uses ICC mode. In this mode, the hardware watchdog is not
automatically deactivated as one might expect. As a consequence, internal resets are
generated by the watchdog, thus preventing programming.
The device factory configuration is software watchdog so this issue is not seen with devices
that are programmed for the first time. For the same reason, devices programmed by the
user with the software watchdog option are not impacted.
The only devices impacted are those that have previously been programmed with the
hardware watchdog option.
Workaround
Devices configured with Hardware Watchdog must be programmed using a specific
programming mode that ignores the option byte settings. In this mode, an external clock,
normally provided by the programming tool, has to be used. In ST tools, this mode is called
“ICP OPTIONS DISABLED”.
Sockets on ST programming tools are controlled using “ICP OPTIONS DISABLED” mode.
Devices can therefore be reprogrammed by plugging them in the ST Programming Board
socket, whatever the watchdog configuration.
When using third-party tools, please refer to the manufacturer's documentation to check
how to access specific programming modes. If a tool does not have a mode that ignores the
option byte settings, devices programmed with the hardware watchdog option cannot be
reprogrammed using this tool.
15.2.3
In-circuit debugging with Hardware Watchdog
In-circuit debugging is impacted in the same way as in-circuit programming by the activation
of the hardware watchdog in ICC mode. Please refer to Section 15.2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com