Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1336426 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1336426
Description  Monitoring relay - MACX-MR-V-600
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1336426 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1336426 Datasheet HTML 1Page - PHOENIX CONTACT 1336426 Datasheet HTML 2Page - PHOENIX CONTACT 1336426 Datasheet HTML 3Page - PHOENIX CONTACT 1336426 Datasheet HTML 4Page - PHOENIX CONTACT 1336426 Datasheet HTML 5Page - PHOENIX CONTACT 1336426 Datasheet HTML 6Page - PHOENIX CONTACT 1336426 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Stripping length
10 mm
Conductor cross section solid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 14
Tightening torque
0.5 Nm ... 0.6 Nm (5 lb in ... 7 lb in)
Dimensions
Width
22.5 mm
Height
109 mm
Depth
114 mm
Material specifications
Flammability rating according to UL 94
V0
Housing insulation material
PBT
Environmental and real-life conditions
Ambient conditions
IP40 (Housing)
Degree of protection
IP20 (Connection terminal blocks)
Ambient temperature (operation)
-25 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
10 % ... 95 %
Approval data
CE
Identification
CE-compliant
UL, USA / Canada
Identification
UL/C-UL Listed UL 508
CCC
Identification
GB/T 14048.5
Electronic devices in rail vehicles
Operating temperature class
OT4
Class of extended operating temperature upon activation
ST2
Temperature change class
H1
S2
S3/C1
Interruption of the power supply/supply changeover
C2
HL1
HL2
Hazard levels
HL3
Protective coating
PC2
Shock (operation)
Category 1
Monitoring relay - MACX-MR-V-600
1336426
https://www.phoenixcontact.com/us/products/1336426
Nov 16, 2022, 6:35 AM
Page 3 (7)


Similar Part No. - 1336426

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
13364 FESTO-13364 Datasheet
83Kb / 1P
   Cylinder signal generator
7/11/2
logo
Heyco.
13364 HEYCO-13364 Datasheet
90Kb / 1P
   Blunt Rivets
13364 HEYCO-13364 Datasheet
90Kb / 1P
   Blunt Rivets
logo
PHOENIX CONTACT
1336404 PHOENIX-1336404 Datasheet
189Kb / 7P
   Monitoring relay - MACX-MR-PH-690
Nov 16, 2022
1336408 PHOENIX-1336408 Datasheet
187Kb / 6P
   Monitoring relay - MACX-MR-PH-690-PT
Nov 16, 2022
More results

Similar Description - 1336426

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1336507 PHOENIX-1336507 Datasheet
190Kb / 7P
   Monitoring relay - MACX-MR-V-600-PT
Nov 16, 2022
1336523 PHOENIX-1336523 Datasheet
191Kb / 7P
   Monitoring relay - MACX-MR-PTC
Nov 16, 2022
1336527 PHOENIX-1336527 Datasheet
191Kb / 7P
   Monitoring relay - MACX-MR-PTC-PT
Nov 16, 2022
1336510 PHOENIX-1336510 Datasheet
190Kb / 7P
   Monitoring relay - MACX-MR-C-10
Nov 16, 2022
1336404 PHOENIX-1336404 Datasheet
189Kb / 7P
   Monitoring relay - MACX-MR-PH-690
Nov 16, 2022
1336410 PHOENIX-1336410 Datasheet
191Kb / 7P
   Monitoring relay - MACX-MR-3V-690
Nov 16, 2022
1336408 PHOENIX-1336408 Datasheet
187Kb / 6P
   Monitoring relay - MACX-MR-PH-690-PT
Nov 16, 2022
1336412 PHOENIX-1336412 Datasheet
190Kb / 7P
   Monitoring relay - MACX-MR-3V-690-PT
Nov 16, 2022
1336512 PHOENIX-1336512 Datasheet
190Kb / 7P
   Monitoring relay - MACX-MR-C-10-PT
Nov 16, 2022
1336547 PHOENIX-1336547 Datasheet
192Kb / 7P
   Monitoring relay - MACX-MR-3V-900-PT
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com