Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT801 Datasheet(PDF) 39 Page - Bridgetek Pte Ltd.

Part # FT801
Description  Embedded Video Engine
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801 Datasheet(HTML) 39 Page - Bridgetek Pte Ltd.

Back Button FT801 Datasheet HTML 35Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 36Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 37Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 38Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 39Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 40Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 41Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 42Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 43Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Copyright © Bridgetek Pte Ltd
39
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
Profile Feature
Pb Free Solder
Process
Non-Pb Free Solder Process
Average Ramp Up Rate (Ts to Tp)
3°C / second Max.
3°C / Second Max.
Preheat
- Temperature Min (Ts Min.)
- Temperature Max (Ts Max.)
- Time (ts Min to ts Max)
150°C
200°C
60 to 120 seconds
100°C
150°C
60 to 120 seconds
Time Maintained Above Critical
Temperature TL:
- Temperature (TL)
- Time (tL)
217°C
60 to 150 seconds
183°C 60 to 150 seconds
Peak Temperature (Tp)
260°C
240°C
Time within 5°C of actual Peak
Temperature (tp)
20 to 40 seconds
20 to 40 seconds
Ramp Down Rate
6°C / second Max.
6°C / second Max.
Time for T= 25°C to Peak Temperature,
Tp
8 minutes Max.
6 minutes Max.
Table 8-1 Reflow Profile Parameter Values


Similar Part No. - FT801

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT801 FTDI-FT801 Datasheet
1Mb / 57P
The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FT8010MPX FAIRCHILD-FT8010MPX Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010MPX ONSEMI-FT8010MPX Datasheet
681Kb / 15P
Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results

Similar Description - FT801

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
Embedded Video Engine
VM800C FTDI-VM800C Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
Embedded Video Engine
logo
List of Unclassifed Man...
FT81X ETC-FT81X Datasheet
1Mb / 63P
FT81X Embedded Video Engine Datasheet
Version 1.4
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
Embedded Video Engine
Version 1.0
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
Advanced Embedded Video Engine Datasheet
Version 1.1
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
Embedded Video Engine
Version 1.4
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
Advanced Embedded Video Engine
Version 1.4
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
Embedded Video Engine Plus module
Version 1.2
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com