Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT801 Datasheet(PDF) 7 Page - Bridgetek Pte Ltd.

Part # FT801
Description  Embedded Video Engine
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT801 Datasheet(HTML) 7 Page - Bridgetek Pte Ltd.

Back Button FT801 Datasheet HTML 3Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 4Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 5Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 6Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 7Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 8Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 9Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 10Page - Bridgetek Pte Ltd. FT801 Datasheet HTML 11Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Copyright © Bridgetek Pte Ltd
7
FT801 Embedded Video Engine Datasheet
Version 1.3
Document Reference No.: BRT_000001
Clearance No.: BRT#003
Pin No.
Name
Type
Description
4/8/12/16mA sink/source current.
Pad powered from pin VCCIO.
9
VCCIO
P
I/O power supply, connect a 0.1uF decoupling
capacitor. Support 1.8V, 2.5V or 3.3V.
Note: VCCIO supply to IO pads from pin 3 to 12 only.
10
MODE
I
Host interface SPI(pull low) or I2C(pull up) mode
select input, 3.3V tolerant
Pad powered from pin VCCIO.
11
INT_N
OD
Host Interrupt, open drain output, active low, pull up
to VCCIO through a 1kΩ ~10kΩ resistor.
12
PD_N
I
Power down input, active low, 3.3V tolerant, pull up to
VCCIO through 47kΩ resistor and 100nF to ground.
Pad powered from pin VCCIO.
13
X1/ CLK
I
Crystal oscillator or clock input; Connect to GND if not
used.
3.3V peak input allowed.
Pad powered from pin VCC.
14
X2
O
Crystal oscillator output; leave open if not used.
Pad powered from pin VCC.
15
GND
P
Ground
16
VCC
P
3.3V power supply input.
17
VCC1V2
O
1.2V regulator output pin. Connect a 4.7uF decoupling
capacitor to GND.
18
VCC
P
3.3V power supply input.
19
CTP_RST_N
O
Connect to reset or wake signal of the CTPM. Output,
open source, external pull-down resistor required.
Pad powered from pin VCC.
20
CTP_INT_N
I
Connect to interrupt or ready pin of the CTPM. Input.
Pad powered from pin VCC.
21
CTP_SCL
I/OD
Connect to I2C SCL pin of the CTPM. Plain input,
open-drain output.
Pad powered from pin VCC.
22
CTP_SDA
I/OD
Connect to I2C SDA pin of the CTPM. Plain input,
open-drain output.
Pad powered from pin VCC.
23
GND
P
Ground
24
BACKLIGHT
O
LED Backlight brightness PWM controls signal, push-
pull output, 4/8mA sink/source current.
Pad powered from pin VCC.
25
DE
O
LCD Data Enable, push-pull output, 4/8mA sink/source
current.
Pad powered from pin VCC.
26
VSYNC
O
LCD Vertical Sync, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
27
HSYNC
O
LCD Horizontal Sync, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
28
DISP
O
General purpose output pin for LCD Display Enable,
push-pull output, 4/8mA sink/source current. Control
by writing to Bit 7 of REG_GPIO register.
Pad powered from pin VCC.
29
PCLK
O
LCD Pixel Clock, push-pull output, 4/8mA sink/source
current.
Pad powered from pin VCC.
30
B7
O
Bit 7 of Blue RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
31
B6
O
Bit 6 of Blue RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.


Similar Part No. - FT801

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT801 FTDI-FT801 Datasheet
1Mb / 57P
   The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FT8010MPX FAIRCHILD-FT8010MPX Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010MPX ONSEMI-FT8010MPX Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results

Similar Description - FT801

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
   Embedded Video Engine
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
   Embedded Video Engine
Version 1.0
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
   Embedded Video Engine
Version 1.4
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
   Embedded Video Engine
logo
Bridgetek Pte Ltd.
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
   Advanced Embedded Video Engine
Version 1.4
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
   Embedded Video Engine Plus module
Version 1.2
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
   Advanced Embedded Video Engine Datasheet
Version 1.1
logo
List of Unclassifed Man...
FT81X ETC-FT81X Datasheet
1Mb / 63P
   FT81X Embedded Video Engine Datasheet
Version 1.4
logo
Future Technology Devic...
VM800C FTDI-VM800C Datasheet
1Mb / 22P
   Embedded Video Engine Credit Card Board
logo
Bridgetek Pte Ltd.
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
   Embedded Video Engine Credit Card Board
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com