Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2N2222
Description  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N2222 Datasheet(HTML) 3 Page - NXP Semiconductors

  2N2222 Datasheet HTML 1Page - NXP Semiconductors 2N2222 Datasheet HTML 2Page - NXP Semiconductors 2N2222 Datasheet HTML 3Page - NXP Semiconductors 2N2222 Datasheet HTML 4Page - NXP Semiconductors 2N2222 Datasheet HTML 5Page - NXP Semiconductors 2N2222 Datasheet HTML 6Page - NXP Semiconductors 2N2222 Datasheet HTML 7Page - NXP Semiconductors 2N2222 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 May 29
3
Philips Semiconductors
Product specification
NPN switching transistors
2N2222; 2N2222A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
2N2222
60
V
2N2222A
75
V
VCEO
collector-emitter voltage
open base
2N2222
30
V
2N2222A
40
V
VEBO
emitter-base voltage
open collector
2N2222
5V
2N2222A
6V
IC
collector current (DC)
800
mA
ICM
peak collector current
800
mA
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
500
mW
Tcase ≤ 25 °C
1.2
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
200
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
350
K/W
Rth j-c
thermal resistance from junction to case
146
K/W


Similar Part No. - 2N2222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2222 STMICROELECTRONICS-2N2222 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
logo
Comset Semiconductor
2N2222 COMSET-2N2222 Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Semicoa Semiconductor
2N2222 SEMICOA-2N2222 Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
logo
Continental Device Indi...
2N2222 CDIL-2N2222 Datasheet
273Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Siemens Semiconductor G...
2N2222 SIEMENS-2N2222 Datasheet
45Kb / 2P
   NPN Silicon Planar Transistors
More results

Similar Description - 2N2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
   NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 14
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
   NPN switching transistors
2004 Jan 22
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
   NPN switching transistors
2004 Jan 13
logo
NXP Semiconductors
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
   NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 05
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
   NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
   NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
   NPN SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
   NPN Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com