Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2N2222
Description  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N2222 Datasheet(HTML) 4 Page - NXP Semiconductors

  2N2222 Datasheet HTML 1Page - NXP Semiconductors 2N2222 Datasheet HTML 2Page - NXP Semiconductors 2N2222 Datasheet HTML 3Page - NXP Semiconductors 2N2222 Datasheet HTML 4Page - NXP Semiconductors 2N2222 Datasheet HTML 5Page - NXP Semiconductors 2N2222 Datasheet HTML 6Page - NXP Semiconductors 2N2222 Datasheet HTML 7Page - NXP Semiconductors 2N2222 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 May 29
4
Philips Semiconductors
Product specification
NPN switching transistors
2N2222; 2N2222A
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
2N2222
IE = 0; VCB =50V
10
nA
IE = 0; VCB = 50 V; Tamb = 150 °C
10
µA
ICBO
collector cut-off current
2N2222A
IE = 0; VCB =60V
10
nA
IE = 0; VCB = 60 V; Tamb = 150 °C
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =3V
10
nA
hFE
DC current gain
IC = 0.1 mA; VCE =10V
35
IC = 1 mA; VCE =10V
50
IC = 10 mA; VCE =10V
75
IC = 150 mA; VCE = 1 V; note 1
50
IC = 150 mA; VCE = 10 V; note 1
100
300
hFE
DC current gain
IC = 10 mA; VCE = 10 V; Tamb = −55 °C
2N2222A
35
hFE
DC current gain
IC = 500 mA; VCE = 10 V; note 1
2N2222
30
2N2222A
40
VCEsat
collector-emitter saturation voltage
2N2222
IC = 150 mA; IB = 15 mA; note 1
400
mV
IC = 500 mA; IB = 50 mA; note 1
1.6
V
VCEsat
collector-emitter saturation voltage
2N2222A
IC = 150 mA; IB = 15 mA; note 1
300
mV
IC = 500 mA; IB = 50 mA; note 1
1V
VBEsat
base-emitter saturation voltage
2N2222
IC = 150 mA; IB = 15 mA; note 1
1.3
V
IC = 500 mA; IB = 50 mA; note 1
2.6
V
VBEsat
base-emitter saturation voltage
2N2222A
IC = 150 mA; IB = 15 mA; note 1
0.6
1.2
V
IC = 500 mA; IB = 50 mA; note 1
2V
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
8pF
Ce
emitter capacitance
IC =ic = 0; VEB = 500 mV; f = 1 MHz
2N2222A
25
pF
fT
transition frequency
IC = 20 mA; VCE = 20 V; f = 100 MHz
2N2222
250
MHz
2N2222A
300
MHz
F
noise figure
IC = 200 µA; VCE =5V; RS =2kΩ;
f = 1 kHz; B = 200 Hz
2N2222A
4dB


Similar Part No. - 2N2222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2222 STMICROELECTRONICS-2N2222 Datasheet
71Kb / 5P
HIGH-SPEED SWITCHES
January 1989
logo
Semicoa Semiconductor
2N2222 SEMICOA-2N2222 Datasheet
29Kb / 1P
Chip Type 2C2222A Geometry 0400 Polarity NPN
logo
Siemens Semiconductor G...
2N2222 SIEMENS-2N2222 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
logo
Fairchild Semiconductor
2N2222 FAIRCHILD-2N2222 Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Micro Electronics
2N2222 MICRO-ELECTRONICS-2N2222 Datasheet
301Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - 2N2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
NPN switching transistors
1997 May 05
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
NPN switching transistors
1999 Apr 14
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
NPN Switching Transistors
logo
NXP Semiconductors
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
NPN switching transistors
2004 Jan 22
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
NPN SWITCHING TRANSISTORS
logo
Micro Commercial Compon...
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
NPN Switching Transistors
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
NPN switching transistors
2004 Jan 13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com