Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS0805ZZ-XXXXWN-95 Datasheet(PDF) 1 Page - Vishay Barry

Part # RS0805ZZ-XXXXWN-95
Description  1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

RS0805ZZ-XXXXWN-95 Datasheet(HTML) 1 Page - Vishay Barry

  RS0805ZZ-XXXXWN-95 Datasheet HTML 1Page - Vishay Barry RS0805ZZ-XXXXWN-95 Datasheet HTML 2Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1W BeO Chip Resistor
w/ Single-Sided (Flip-Chip) Terminals
RS0805ZZ-XXXXWN-95
• Single-Sided (Flip-Chip) Terminal Configuration
• Solder, Epoxy or Wirebondable Terminals
• Customer Defined Testing Available
RS0805ZZ-XXXXWN-95 Features:
RS0805ZZ-XXXXWN-95 Parameters:
RS0805ZZ-XXXXWN-95 Dimensions:
• RoHS Compliant or SnPb Available
• Non-Magnetic Available
• Tape & Reel (Film Side Down) and
Waffle Pack Available (Standard is bulk)
Barry Industries
barryind.com
60 Walton St. Attleboro, MA 02703 • T (508) 226-3350 • F (508) 226-3317 • sales@barryind.com
RS0805ZZ-XXXXWN-95
Power Derating Curve
* Rating based on ≤100°C constant baseplate temperature
Barry Industries reserves the right to change part number and/or process without notification.
Resistance Range:
0.5Ω - 1MΩ
Rated Power:*
1W
Construction:
Thick Film on 0.010” BeO
Operating Temperature:
-55 to +150°C
Barry Industries maintains an ISO9001 Certified Quality Management System
and is an ITAR registered company.
Actual Size
Ordering Information:
Dimensions in inches [mm]
Tolerance is ± 0.005 [0.13]
unless otherwise stated
0805
RS
0805
ZZ
-
XXXX
W
N
-
95
UU
Substrate
95 - 0.010” BeO
F - 1%
G - 2%
J - 5%
Normal
Inspection
Size
Value Code
Tolerance
Contact factory for
additional options
Packaging
Blank - Bulk
WP - Waffle Pack
TRD - Tape & Reel
Prefix for Resistor w/
Single-Sided Terminals
50R0 - 50Ω
1000 - 100Ω
1001 - 1KΩ
ORIG.
REV.
No.
PAGE 1 OF 2
JAN 12
2009
1002 - 10KΩ
1003 - 100KΩ
1004 - 1MΩ
Terminal Metallization
JUN 18
2021
A
Example Part Number: RS0805CT-50R0JN-95
100
75
50
25
0
0
25
50
75
100
125
150
Baseplate Temperature °C
AS -
Tin Lead over Platinum Palladium Gold
CB -
Tin Lead over Nickel over Silver
CC -
100% Matte Tin over Copper over Silver
CT -
100% Matte Tin over Nickel over Silver
JA -
Gold over Platinum Palladium Gold
RoHS
No
No
Yes
Yes
Yes
Magnetic
No
Yes
No
Yes
No
Solder
Yes
Yes
Yes
Yes
No
Epoxy
No
No
No
No
Yes
Wirebond
No
No
No
No
Yes
.075
1.91
.050
1.27
.015
0.37
(2X)
.048
1.22
(2X)
.010
0.25


Similar Part No. - RS0805ZZ-XXXXWN-95

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS0805ZZ-XXXXWN-90 BARRY-RS0805ZZ-XXXXWN-90 Datasheet
154Kb / 2P
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-91 BARRY-RS0805ZZ-XXXXWN-91 Datasheet
162Kb / 2P
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-93 BARRY-RS0805ZZ-XXXXWN-93 Datasheet
158Kb / 2P
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-96 BARRY-RS0805ZZ-XXXXWN-96 Datasheet
161Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-98 BARRY-RS0805ZZ-XXXXWN-98 Datasheet
157Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
More results

Similar Description - RS0805ZZ-XXXXWN-95

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS0805ZZ-XXXXWN-96 BARRY-RS0805ZZ-XXXXWN-96 Datasheet
161Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-98 BARRY-RS0805ZZ-XXXXWN-98 Datasheet
157Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0505ZZ-XXXXWN-98 BARRY-RS0505ZZ-XXXXWN-98 Datasheet
174Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS0505ZZ-XXXXWN-96 BARRY-RS0505ZZ-XXXXWN-96 Datasheet
177Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS0505ZZ-XXXXWN-95 BARRY-RS0505ZZ-XXXXWN-95 Datasheet
171Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS1206ZZ-XXXXWN-95 BARRY-RS1206ZZ-XXXXWN-95 Datasheet
144Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS1206ZZ-XXXXWN-98 BARRY-RS1206ZZ-XXXXWN-98 Datasheet
147Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS0402ZZ-XXXXWN-95 BARRY-RS0402ZZ-XXXXWN-95 Datasheet
168Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 16 2021
RS0202ZZ-XXXXWN-95 BARRY-RS0202ZZ-XXXXWN-95 Datasheet
851Kb / 1P
200mW BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 14 2021
RS1206ZZ-XXXXWN-96 BARRY-RS1206ZZ-XXXXWN-96 Datasheet
145Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com