Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS0805ZZ-XXXXWN-95 Datasheet(PDF) 2 Page - Vishay Barry

Part # RS0805ZZ-XXXXWN-95
Description  1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

RS0805ZZ-XXXXWN-95 Datasheet(HTML) 2 Page - Vishay Barry

  RS0805ZZ-XXXXWN-95 Datasheet HTML 1Page - Vishay Barry RS0805ZZ-XXXXWN-95 Datasheet HTML 2Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RS0805ZZ-XXXXWN-95 Reliability Specifications:
Barry Industries
barryind.com
60 Walton St. Attleboro, MA 02703 • T (508) 226-3350 • F (508) 226-3317 • sales@barryind.com
Barry Industries reserves the right to change part number and/or process without notification.
Barry Industries maintains an ISO9001 Certified Quality Management System
and is an ITAR Registered company.
Parameter:
Test Condition:
Results:
Short Time Overload
Apply 1.1x Rated Power for
5 Seconds.
≤ 5.0% Resistance Shift
Rated Load Life
Apply 1/2 Power Under 40°C ±2°C
90 Minutes on/ 30 Minutes off.
Repeat for 100 hours
≤ 5.0% Resistance Shift
Moisture Resistance
MIL-PRF-55342 para 4.8.9
95% RH, 25°C - 65°C
≤ 5.0% Resistance Shift
Resistance to Soldering Heat
MIL-STD-202 Method 210
and MIL-PRF-55342 Para 4.8.8.1
≤ 5.0% Resistance Shift
Resistance to Bonding Exposure
MIL-PRF-55342 Para 4.8.8.2
≤ 5.0% Resistance Shift
Solderability
MIL-PRF-55342 Para 4.8.12
>95% Covered
High Temperature Storage
125°C ±2°C for 500 Hours
1.) ≤ 5.0% Resistance Shift
2.) No Significant Abnormality
(Visual)
Thermal Shock
-65 to +125
30 Minutes Dwell, 5 Cycles
1.) ≤ 5.0% Resistance Shift
2.) No Significant Abnormality
(Visual)
ORIG.
REV.
No.
PAGE 2 OF 2
JUN 12
2009
A
JUN 18
2021
1W BeO Chip Resistor
w/ Single-Sided (Flip-Chip) Terminals
RS0805ZZ-XXXXWN-95


Similar Part No. - RS0805ZZ-XXXXWN-95

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS0805ZZ-XXXXWN-90 BARRY-RS0805ZZ-XXXXWN-90 Datasheet
154Kb / 2P
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-91 BARRY-RS0805ZZ-XXXXWN-91 Datasheet
162Kb / 2P
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-93 BARRY-RS0805ZZ-XXXXWN-93 Datasheet
158Kb / 2P
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-96 BARRY-RS0805ZZ-XXXXWN-96 Datasheet
161Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-98 BARRY-RS0805ZZ-XXXXWN-98 Datasheet
157Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
More results

Similar Description - RS0805ZZ-XXXXWN-95

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RS0805ZZ-XXXXWN-96 BARRY-RS0805ZZ-XXXXWN-96 Datasheet
161Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0805ZZ-XXXXWN-98 BARRY-RS0805ZZ-XXXXWN-98 Datasheet
157Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021
RS0505ZZ-XXXXWN-98 BARRY-RS0505ZZ-XXXXWN-98 Datasheet
174Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS0505ZZ-XXXXWN-96 BARRY-RS0505ZZ-XXXXWN-96 Datasheet
177Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS0505ZZ-XXXXWN-95 BARRY-RS0505ZZ-XXXXWN-95 Datasheet
171Kb / 2P
1W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021
RS1206ZZ-XXXXWN-95 BARRY-RS1206ZZ-XXXXWN-95 Datasheet
144Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS1206ZZ-XXXXWN-98 BARRY-RS1206ZZ-XXXXWN-98 Datasheet
147Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS0402ZZ-XXXXWN-95 BARRY-RS0402ZZ-XXXXWN-95 Datasheet
168Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 16 2021
RS0202ZZ-XXXXWN-95 BARRY-RS0202ZZ-XXXXWN-95 Datasheet
851Kb / 1P
200mW BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 14 2021
RS1206ZZ-XXXXWN-96 BARRY-RS1206ZZ-XXXXWN-96 Datasheet
145Kb / 2P
1.5W BeO Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com