Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG300NPT Datasheet(PDF) 1 Page - SAB North America

Part # CG300NPT
Description  Metal Cable Glands
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAB [SAB North America]
Direct Link  https://www.sabcable.com/
Logo SAB - SAB North America

CG300NPT Datasheet(HTML) 1 Page - SAB North America

  CG300NPT Datasheet HTML 1Page - SAB North America  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical data:
Material:
Brass, Nickel Plated
Clamping Insert:
Polyamide 6
Seal:
Chloroprene (CR)
O-Ring:
Neoprene (NBR)
Protection type:
IP 68 - 5 Bar
NEMA 4X
Temperature range:
permanent:
-20°C to +100°C
intermittent:
-40°C to +150°C
Flammability:
V2 (according to UL 94)
Approvals:
cURus, cULus, DNV-GL, CE
Impact resistant, suitable for industrial applications, water
tight, corrosion resistant.
Part
Number
Thread
Type
Clamping
Range
Ø min-max
Thread
Diameter
(TD)
Wrenching Flats
Cap
(SW1)
Thread
Length
(TL)
Height
(H)
UL
inches
mm
inches
mm
inches
mm
inches
inches
NPT
MNS-3/8R
NPT 3/8
0.118 - 0.236
2.0 - 6.0
0.675
17.1
0.669
17
0.453
0.906
-
MNS-3/8RC
NPT 3/8
0.118 - 0.276
3.0 - 7.0
0.675
17.1
0.787
20
0.453
1.161
-
MNS-3/8*
NPT 3/8
0.157 - 0.315
4.0 - 8.0
0.675
17.1
0.669
17
0.453
0.906
UR
MNS-3/8C*
NPT 3/8
0.197 - 0.394
5.0 - 10.0
0.675
17.1
0.787
20
0.453
1.161
UR
MNS-1/2R
NPT 1/2
0.197 - 0.355
5.0 - 9.0
0.840
21.3
0.866
22
0.512
1.004
-
MNS-1/2*
NPT 1/2
0.236 - 0.472
6.0 - 12.0
0.840
21.3
0.866
22
0.512
1.004
UL
MNS-1/2RC
NPT 1/2
0.276 - 0.473
7.0 - 12.0
0.840
21.3
0.945
24
0.512
1.102
-
MNS-1/2C*
NPT 1/2
0.394 - 0.551
10.0 - 14.0
0.840
21.3
0.945
24
0.512
1.102
UL
MNS-3/4R
NPT 3/4
0.354 - 0.630
9.0 - 16.0
1.050
26.7
1.181
30
0.512
1.398
-
MNS-3/4*
NPT 3/4
0.512 - 0.709
13.0 - 18.0
1.050
26.7
1.181
30
0.512
1.398
UL
MNS-1R
NPT 1
0.472 - 0.788
12.0 - 20.0
1.315
33.4
1.575
40
0.512
1.693
-
MNS-1*
NPT 1
0.709 - 0.984
18.0 - 25.0
1.315
33.4
1.575
40
0.512
1.693
UL
MNS-1 1/4
NPT 1 1/4 0.866 - 1.260
22.0 - 32.0
1.903
48.3
1.969
50
0.984
1.882
-
MNS-1 1/2
NPT 1 1/2 1.182 - 1.496
30.0 - 38.0
1.903
48.3
2.283
58
0.787
1.882
-
MNS-2
NPT-2
1.339 - 1.732
34.0 - 44.0
2.374
60.3
2.520
64
1.063
2.165
-
* NEMA 4X rated
N
12
C
866-722-2974
.
info@sabcable.com
www.sabcable.com
CG 300 NPT
Nickel plated brass cord grip
Metal Cable Glands
Locknuts need to be purchased separately, see page N/20


Similar Part No. - CG300NPT

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
More results

Similar Description - CG300NPT

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
   Cable glands
logo
SAB North America
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Amphenol Corporation
AIO-CSM18 AMPHENOL-AIO-CSM18 Datasheet
708Kb / 2P
   Complete line of Metal and Nylon Industrial cable glands available
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com