Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4299GV33 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4299GV33
Description  Low-Drop Fixed Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299GV33 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4299GV33 Datasheet HTML 2Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 3Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 4Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 5Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 6Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 7Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 8Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 9Page - Infineon Technologies AG TLE4299GV33 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TLE 4299
Datasheet Rev. 1.0
6
2005-01-27
Figure 4
Pin Configuration (top view)
Pin Definitions and Functions (TLE 4299 GMV33)
Pin No.
Symbol
Function
1
RADJ
Reset Threshold Adjust; if not needed connect to GND.
2D
Reset Delay; connect to GND via external delay capacitor for setting
delay time.
3, 4, 5
GND
Ground
6INH
Inhibit: If not needed connect to Input pin I; A high signal switches the
regulator ON.
7RO
Reset Output; the open-collector output is linked internally to Q via a
20k
Ω pull-up resistor. Keep open, if the pin is not needed.
8SO
Sense Output; open-collector output. Keep open, if the pin is not
needed.
9Q
Output; connect to GND with a 22
µF capacitor, 0.4 Ω <
ESR < 3.7
Ω.1)
1)
see characteristic curves
10, 11, 12 GND
Ground
13
I
Input; block to GND directly at the IC by a ceramic capacitor.
14
SI
Sense Input; if not needed connect to Q.
AEP02831
14
1
RADJ
SI
D2
13
GND
3
12
GND
4
11
10
GND
5
69
INH
RO
7
8
I
GND
GND
GND
Q
SO
P-DSO-14-8


Similar Part No. - TLE4299GV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299GV33 INFINEON-TLE4299GV33 Datasheet
475Kb / 25P
   Low-Drop Fixed Voltage Regulator
Rev. 1.1, 2007-10-17
More results

Similar Description - TLE4299GV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299_07 Datasheet
475Kb / 25P
   Low-Drop Fixed Voltage Regulator
Rev. 1.1, 2007-10-17
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com