RTL8201CP
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
v
Track ID: JATR-1076-21 Rev. 1.21
Table 24. UTP Mode and SNI Interface......................................................................................................17
Table 25. Fiber Mode and MII Interface .....................................................................................................17
Table 26. Auto-Negotiation Mode Pin Settings ..........................................................................................18
Table 27. LED Definitions ..........................................................................................................................19
Table 28. Power Saving Mode Pin Settings ................................................................................................20
Table 29. Absolute Maximum Ratings........................................................................................................23
Table 30. Operating Conditions...................................................................................................................23
Table 31. Power Dissipation........................................................................................................................23
Table 32. Input Voltage: Vcc.......................................................................................................................23
Table 33. MII Transmission Cycle Timing .................................................................................................24
Table 34. MII Reception Cycle Timing.......................................................................................................25
Table 35. SNI Transmission Cycle Timing .................................................................................................27
Table 36. SNI Reception Cycle Timing ......................................................................................................28
Table 37. MDC/MDIO Timing....................................................................................................................29
Table 38. Crystal Characteristics.................................................................................................................30
Table 39. Transformer Characteristics ........................................................................................................30
Table 40. Ordering Information...................................................................................................................33
List of Figures
Figure 1. Block Diagram .............................................................................................................................2
Figure 2. Pin Assignments...........................................................................................................................3
Figure 3. Read Cycle .................................................................................................................................15
Figure 4. Write Cycle ................................................................................................................................15
Figure 5. LED and PHY Address Configuration.......................................................................................19
Figure 7. MII Transmission Cycle Timing-1.............................................................................................24
Figure 8. MII Transmission Cycle Timing-2.............................................................................................25
Figure 9. MII Reception Cycle Timing-1 ..................................................................................................26
Figure 10. MII Reception Cycle Timing-2 ..................................................................................................26
Figure 11. SNI Transmission Cycle Timing-1 ............................................................................................27
Figure 12. SNI Transmission Cycle Timing-2 ............................................................................................27
Figure 13. SNI Reception Cycle Timing-1..................................................................................................28
Figure 14. SNI Reception Cycle Timing-2..................................................................................................28
Figure 15. MDC/MDIO Timing ..................................................................................................................29
Figure 16. MDC/MDIO MAC to PHY Transmission Without Collision ...................................................29
Figure 17. MDC/MDIO PHY to MAC Reception Without Error ...............................................................30