Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72334J2T7 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST72334J2T7
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J2T7 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST72334J2T7 Datasheet HTML 117Page - STMicroelectronics ST72334J2T7 Datasheet HTML 118Page - STMicroelectronics ST72334J2T7 Datasheet HTML 119Page - STMicroelectronics ST72334J2T7 Datasheet HTML 120Page - STMicroelectronics ST72334J2T7 Datasheet HTML 121Page - STMicroelectronics ST72334J2T7 Datasheet HTML 122Page - STMicroelectronics ST72334J2T7 Datasheet HTML 123Page - STMicroelectronics ST72334J2T7 Datasheet HTML 124Page - STMicroelectronics ST72334J2T7 Datasheet HTML 125Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 121 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
121/125
9.2 DEVICE CONFIGURATION AND ORDERING
INFORMATION
Each device is available for production in user pro-
grammable versions (FLASH) as well as in factory
coded versions (ROM).
FLASH devices are shipped to customers with a
default content (FFh), while ROM factory coded
parts contain the code supplied by the customer.
This implies that FLASH devices have to be con-
figured by the customer using the Option Bytes
while the ROM devices are factory-configured.
9.2.1 Option Bytes
The two Option Bytes allow the hardware configu-
ration of the microcontroller to be selected.
The Option Bytes have no address in the memory
map and can be accessed only in programming
mode
(for example
using a
standard
ST7
4programming tool). The default contents of the
FLASH is fixed to FFh. This means that all the op-
tions have “1” as their default value.
In masked ROM devices, the Option Bytes are
fixed in hardware by the ROM code.
USER OPTION BYTE 1
Bit 7:2 = Reserved, must always be 1.
Bit 1 = 56/42
Package configuration.
This option bit allows to configure the device ac-
cording to the package.
0: 42 and 44 pin.
1: 56 and 64 pin.
Bit 0 = FMP
Full memory protection.
This option bit enables or disables external access
to the internal program memory (read-out protec-
tion). Clearing this bit causes the erasing (to 00h)
of the whole memory (including the option byte).
0: Program memory not read-out protected
1: Program memory read-out protected
USER OPTION BYTE 2
Bit 7 = CFC
Clock filter control on/off
This option bit enables or disables the clock filter
(CF) features.
0: Clock filter enabled
1: Clock filter disabled
Bit 6:4 = OSC[2:0]
Oscillator selection
These three option bits can be used to select the
main oscillator as shown in Table 24.
Table 24. Main Oscillator Configuration
Bit 3:2 = LVD[1:0]
Low voltage detection selection
These option bits enable the LVD block with a se-
lected threshold as shown in Table 25.
Table 25. LVD Threshold Configuration
Bit 1 = WDG HALT
Watchdog and halt mode
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
Bit 0 = WDG SW
Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
70
1
1
1
1
1
1
56/42
FMP
70
CFC OSC2 OSC1 OSC0 LVD1 LVD0
WDG
HALT
WDG
SW
Selected Oscillator
OSC2
OSC1 OSC0
External Clock (Stand-by)
1
1
1
Internal RC
1
1
0
External RC
10
1
10
0
Low Speed Resonator
0
1
1
Medium-low Speed Resonator
0
1
0
Medium-high Speed Resonator
0
0
1
High Speed Resonator
0
0
0
Configuratio n
LVD1 LVD0
LVD Off
1
1
Highest Voltage Threshold (VDD~5V)
1
0
Medium Voltage Threshold (fOSC≤16MHz)
0
1
Lowest Voltage Threshold (fOSC≤8MHz)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com