Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72334J2T3 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST72334J2T3
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J2T3 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST72334J2T3 Datasheet HTML 115Page - STMicroelectronics ST72334J2T3 Datasheet HTML 116Page - STMicroelectronics ST72334J2T3 Datasheet HTML 117Page - STMicroelectronics ST72334J2T3 Datasheet HTML 118Page - STMicroelectronics ST72334J2T3 Datasheet HTML 119Page - STMicroelectronics ST72334J2T3 Datasheet HTML 120Page - STMicroelectronics ST72334J2T3 Datasheet HTML 121Page - STMicroelectronics ST72334J2T3 Datasheet HTML 122Page - STMicroelectronics ST72334J2T3 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
119/125
PACKAGES (Cont’d)
9.1.2 User-supplied TQFP64 Adaptor / Socket
To solder the TQFP64 device directly on the appli-
cation board, or to solder a socket for connecting
the emulator probe, the application board should
provide the footprint described in Figure 71. This
footprint allows both configurations:
s
Direct TQFP64 soldering
s
YAMAICHI
IC149-064-008-S5*
socket
soldering to plug either the emulator probe or an
adaptor board with an TQFP64 clamshell
socket.
* Not compatible with TQFP64 package.
Figure 71. TQFP64 Device And Emulator Probe Compatible Footprint
Table 22. Suggested List of TQFP64 Socket Types
Package / Probe
Adaptor / Socket Reference
Socket type
TQFP64
ENPLAS
OTQ-64-0.8-02
Open Top
YAMAICHI
IC51-0644-1240.KS-14584
Clamshell
EMU PROBE
YAMAICHI
IC149-064-008-S5
SMC
DETAIL
e
B
* SK: Plastic socket overall dimensions.
Dim
mm
inches
Min
Typ Max
Min
Typ Max
B
0.35 0.45 0.50 0.014 0.018 0.020
E
20.80
0.819
E1
14.00
0.551
E3
11.90 12.00 12.10 0.468 0.472 0.476
e
0.75 0.80 0.85 0.029 0.031 0.033
SK*
26
1.023
Number of Pins
N
64 (4x16)
E
E1
E3
SOCKET
SK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com