Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72334J4B7 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST72334J4B7
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J4B7 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST72334J4B7 Datasheet HTML 103Page - STMicroelectronics ST72334J4B7 Datasheet HTML 104Page - STMicroelectronics ST72334J4B7 Datasheet HTML 105Page - STMicroelectronics ST72334J4B7 Datasheet HTML 106Page - STMicroelectronics ST72334J4B7 Datasheet HTML 107Page - STMicroelectronics ST72334J4B7 Datasheet HTML 108Page - STMicroelectronics ST72334J4B7 Datasheet HTML 109Page - STMicroelectronics ST72334J4B7 Datasheet HTML 110Page - STMicroelectronics ST72334J4B7 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
107/125
8.3 DC ELECTRICAL CHARACTERISTICS
Recommended operating conditions with TA=-40 to +85
oC, V
DD-VSS=5V unless otherwise specified.
8.4 GENERAL TIMING CHARACTERISTICS
Notes:
1) Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
2) CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS, all peripherals switched
off; clock input (OSC1) driven by external square wave.
3) All I/O pins in input mode with a static value at VDD or VSS, all peripherals switched off; clock input (OSC1) driven by
external square wave.
4) All I/O pins in input mode with a static value at VDD or VSS, LVD disabled.
5) Data based on characterization results, not tested in production.
6)
∆t
INST is the number of tCPU to finish the current instruct ion execution.
Symbol
Parameter
Conditio ns
Min
Typ 1)
Max
Unit
IDD
Supply current in RUN mode 2)
fOSC = 4 MHz, fCPU = 2 MHz
fOSC = 8 MHz, fCPU = 4 MHz
fOSC = 16 MHz, fCPU = 8 MHz
TBD
mA
Supply current in SLOW mode 2)
fOSC = 4 MHz, fCPU = 125 kHz
fOSC = 8 MHz, fCPU = 250 kHz
fOSC = 16 MHz, fCPU = 500 kHz
TBD
Supply current in WAIT mode 3)
fOSC = 4 MHz, fCPU = 2 MHz
fOSC = 8MHz, fCPU = 4 MHz
fOSC = 16MHz, fCPU = 8 MHz
TBD
Supply current in SLOW WAIT mode 3)
fOSC = 4 MHz, fCPU = 2 MHz
fOSC = 8 MHz, fCPU = 250 kHz
fOSC = 16 MHz, fCPU = 500 kHz
TBD
Supply current in HALT mode 4)
ILOAD = 0mA (current on I/Os)
TBD
µA
VRM
Data retention mode 5)
HALT mode
2
V
Symbol
Parameter
Conditi ons
Min
Typ
Max
Unit
tINST
Instruction time
2
12
t
CPU
tIRT
Interrupt reaction time
tIRT = ∆tINST +10
6)
10
22
tCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com