Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72334J4B3 Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST72334J4B3
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J4B3 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST72334J4B3 Datasheet HTML 107Page - STMicroelectronics ST72334J4B3 Datasheet HTML 108Page - STMicroelectronics ST72334J4B3 Datasheet HTML 109Page - STMicroelectronics ST72334J4B3 Datasheet HTML 110Page - STMicroelectronics ST72334J4B3 Datasheet HTML 111Page - STMicroelectronics ST72334J4B3 Datasheet HTML 112Page - STMicroelectronics ST72334J4B3 Datasheet HTML 113Page - STMicroelectronics ST72334J4B3 Datasheet HTML 114Page - STMicroelectronics ST72334J4B3 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
111/125
8.7 MEMORY AND PERIPHERAL CHARACTERISTICS
Recommended operating conditions
with TA=-40 to +85
oC and 3V<V
DD-VSS<5.5V unless otherwise specified.
Note:
1) Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
FLASH Program Memory
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
tISPPROG
Typical programming time
8 or 16kBytes FLASH
2.1
6.4
sec
tRET
Data retention
TA=55°C
20
years
NRW
Write erase cycles
1000
cycles
Data-EEPROM
Symbol
Parameter
Conditi ons
Min
Typ
Max
Unit
tPROG
Programming time
25
ms
tRET
Data retention
10
Years
NRW
Write erase cycles
100 000
Cycles
WATCHDOG
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tDOG
Watchdog time-out
fCPU = 8MHz
12,288
1.54
786,432
98.3
t
CPU
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com