Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72334J4B3 Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST72334J4B3
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J4B3 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST72334J4B3 Datasheet HTML 116Page - STMicroelectronics ST72334J4B3 Datasheet HTML 117Page - STMicroelectronics ST72334J4B3 Datasheet HTML 118Page - STMicroelectronics ST72334J4B3 Datasheet HTML 119Page - STMicroelectronics ST72334J4B3 Datasheet HTML 120Page - STMicroelectronics ST72334J4B3 Datasheet HTML 121Page - STMicroelectronics ST72334J4B3 Datasheet HTML 122Page - STMicroelectronics ST72334J4B3 Datasheet HTML 123Page - STMicroelectronics ST72334J4B3 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
120/125
PACKAGES (Cont’d)
9.1.3 User-supplied TQFP44 Adaptor / Socket
To solder the TQFP44 device directly on the appli-
cation board, or to solder a socket for connecting
the emulator probe, the application board should
provide the footprint described in Figure 72. This
footprint allows both configurations:
s
Direct TQFP44 soldering
s
YAMAICHI IC149-044-*52-S5 socket soldering
to plug either the emulator probe or an adaptor
board with an TQFP44 clamshell socket.
Figure 72. TQFP44 Device And Emulator Probe Compatible Footprint
Table 23. Suggested List of TQFP44 Socket Types
Package / Probe
Adaptor / Socket Reference
Socket type
TQFP44
ENPLAS
OTQ-44-0.8-04
Open Top
YAMAICHI
IC51-0444-467-KS-11787
Clamshell
TQFP44
EMU PROBE
YAMAICHI
IC149-044-*52-S5
SMC
DETAIL
e
B
* SK: Plastic socket overall dimensions.
Dim
mm
inches
Min
Typ Max
Min
Typ Max
B
0.35 0.45 0.50 0.014 0.018 0.020
E
13.40
0.527
E1
10.00
0.394
E3
7.95 8.00 8.05 0.313 0.315 0.317
e
0.75 0.80 0.85 0.029 0.031 0.033
SK*
24.2
0.953
Number of Pins
N
44 (4x11)
E
E1
E3
SOCKET
SK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com