Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 174 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 174 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 170Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 171Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 172Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 173Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 174Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 175Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 176Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 177Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 178Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 230 page
background image
Personality EPROM
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Personality EPROM
12.3.2 PEPROM Status and Control Register (PESCR)
The PEPROM status and control register (PESCR) controls the
PEPROM programming voltage. This register also transfers the
PEPROM bits to the internal data bus and contains a flag bit when row
zero is selected.
PEDATA — PEPROM Data
This read-only bit is the output state of the PEPROM sense amplifier
and shows the state of the currently selected bit. The state of the
PEDATA bit does not affect the programming of the bit selected by the
PEBSR. Reset does not affect the PEDATA bit.
1 = PEPROM data is a logic one
0 = PEPROM data is a logic zero
PEPGM — PEPROM Program Control
This read/write bit controls the switches that apply the programming
voltage from the IRQ/VPP pin to the selected PEPROM bit cell. When
the PEPGM bit is set the selected bit cell will be programmed to a
logical one, regardless of the state of the PEDATA bit. Reset clears
the PEPGM bit.
1 = Programming voltage applied to array bit
0 = Programming voltage not applied to array bit
$000F
Bit 7
654321
Bit 0
Read:
PEDATA
0
PEPGM
0000
PEPRZF
Write:
RRR
Reset:
U
000000
1
= Unimplemented
R
= Reserved
U = Unaffected
Figure 12-3. PEPROM Status and Control Register (PESCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com