Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 118 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 114Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 115Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 116Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 117Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 118Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 119Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 120Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 121Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
8.6 A/D Conversion Methods
The control bits in the ACR provide various options to charge or
discharge current through the PB0/AN0 pin in order to perform single-
slope A/D conversions using an external capacitor from the PB0/AN0 pin
to VSS as shown in Figure 8-7. The various A/D conversion triggering
options are given in Table 8-3.
Figure 8-7. Single-Slope A/D Conversion Method
The top three bits of the ACR control the charging and discharging
current into or out of the PB0/AN0 pin. These three bits will have no
effect on the PB0/AN0 pin if the ISEN enable bit is cleared. Any clearing
of the ISEN bit will immediately disable both the charge current source
and the discharge device. Since all these bits and the ISEN bit are
UNKNOWN VOLTAGE ON (–) INPUT
CHARGE TIME
TO MATCH UNKNOWN
DISCHARGE TIME
TO RESET CAPACITOR
VOLTAGE ON
CAPACITOR
CONNECTED
TO (+) INPUT
MAXIMUM CHARGE TIME
TO VDD –1.5 Vdc
VDD –1.5 Vdc
Cx VX
I
VDD
+ 5 V
RAMP
CAP
VSS
PB0/AN0
PB1/AN1
PB2/AN2
PB3/AN3
PB4/AN4
UNKNOWN
OR REFERENCE
MC68HC705JJ7
Charge Time =
MC68HC705JP7
SIGNALS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com