Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 128 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 128 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 124Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 125Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 126Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 127Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 128Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 129Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 130Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 131Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 132Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
8.7 Voltage Measurement Methods
The methods for obtaining a voltage measurement can use software
techniques to express these voltages as absolute or ratiometric
readings.
In most applications the external capacitor, the clock source, the
reference voltage and the charging current may vary between devices
and with changes in supply voltage or ambient temperature. All of these
variations must be considered when determining the desired resolution
of the measurement. The maximum and minimum extremes for the full
scale count will be:
NFSMIN = CEXTMIN x VFSMIN x fOSCMIN / (P x ICHGMAX)
NFSMAX = CEXTMAX x VFSMAX x fOSCMAX / (P x ICHGMIN)
The minimum count should be the desired resolution; and the counting
mechanism must be capable of counting to the maximum. The final
scaling of the count will be by a math routine which calculates:
VX = VREF x (NX - NOFF) / (NREF - NOFF)
Where:
VREF = Known reference voltage
VX
= Unknown voltage between VSS and VREF
NX
= Conversion count for unknown voltage
NREF = Conversion count for known reference voltage (VREF)
NOFF = Conversion count for minimum reference voltage (VSS)
When VREF is a stable voltage source such as a zener or other reference
source, then the unknown voltage will be determined as an absolute
reading. If VREF is the supply source to the device (VDD), then the
unknown voltage will be determined as a ratio of VDD, or a ratiometric
reading.
If the unknown voltage applied to the comparator is greater than its
common-mode range (VDD –1.5 volts), then the external capacitor will
try to charge to the same level. This will cause both comparator inputs
to be above the common-mode range and the output of the comparator
will be indeterminate. In this case the comparator output flags may also
be set even if the actual voltage on the positive input (+) is less than the
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com