Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705P6AGRS/D Datasheet(PDF) 126 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 126 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 122Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 123Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 124Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 125Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 126Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 127Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 128Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 129Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 130Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 134 page
background image
Electrical Specifications
General Release Specification
MC68HC705P6A — Rev. 1.0
Electrical Specifications
14.11 Control Timing
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation
Crystal Option
External Clock Option
fOSC
DC
4.2
4.2
MHz
Internal Operating Frequency
Crystal (fOSC ÷ 2)
External Clock (fOSC ÷ 2)
fOP
DC
2.1
2.1
MHz
Cycle Time
tCYC
476
ns
Crystal Oscillator Startup Time
tOXOV
100
ms
Stop Mode Recovery Startup Time (Crystal Oscillator)
tILCH
100
ms
RESET Pulse Width
tRL
1.5
tCYC
Interrupt Pulse Width Low (Edge-Triggered)
tILIH
125
ns
Interrupt Pulse Period
tILIL
Note 2
tCYC
OSC1 Pulse Width
tOH, tOL
200
ns
A/D On Current Stabilization Time
tADON
Q
100
µs
NOTES:
1.
VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40 °C to +125 °C, unless otherwise noted
2.
The minimum period, tILIL, should not be less than the number of cycle times it takes to execute the interrupt
service routine plus 19 tCYC.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com